Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO122 Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO122
Description  ISO122 Precision Lowest-Cost Isolation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO122 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO122 Datasheet HTML 9Page - Texas Instruments ISO122 Datasheet HTML 10Page - Texas Instruments ISO122 Datasheet HTML 11Page - Texas Instruments ISO122 Datasheet HTML 12Page - Texas Instruments ISO122 Datasheet HTML 13Page - Texas Instruments ISO122 Datasheet HTML 14Page - Texas Instruments ISO122 Datasheet HTML 15Page - Texas Instruments ISO122 Datasheet HTML 16Page - Texas Instruments ISO122 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
ISO122P
ISO150
A
A
–15V
1
0
+15V
+15V –15V
1
2
9
10
7
8
V
OUT
2
1
15
15
16
PGA
102
7
6
8
V
IN
3
4
5
ISO122
www.ti.com
SBOS160A – NOVEMBER 1993 – REVISED JANUARY 2015
Typical Application (continued)
9.2.3 Programmable Gain Amplifier
In applications where variable gain configurations are required, a programmable gain amplifier like the PGA102
can be used with the ISO122. Figure 18 uses an ISO150 to provide gain pin selection options to the PGA102.
Figure 18. Programmable-Gain Isolation Channel With Gains of 1, 10, and 100
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ISO122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com