Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO124 Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO124
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO124 Datasheet HTML 7Page - Texas Instruments ISO124 Datasheet HTML 8Page - Texas Instruments ISO124 Datasheet HTML 9Page - Texas Instruments ISO124 Datasheet HTML 10Page - Texas Instruments ISO124 Datasheet HTML 11Page - Texas Instruments ISO124 Datasheet HTML 12Page - Texas Instruments ISO124 Datasheet HTML 13Page - Texas Instruments ISO124 Datasheet HTML 14Page - Texas Instruments ISO124 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
V
IN
V
OUT = VIN
Isolation Barrier
ISO124
+V
S2
+V
S1
–V
S1
±V
S1
–V
S2
Gnd2
Gnd1
R
1
4.75kΩ
R
2
9.76kΩ
1µF
1µF
1µF
1µF
10µH
10µH
±V
S2
10µH
10µH
1µF
1µF
1µF 1µF
C
1
220pF
C
2
1000pF
OPA237
11
ISO124
www.ti.com
SBOS074E – SEPTEMBER 1997 – REVISED JUNE 2018
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2018, Texas Instruments Incorporated
8.2 Typical Applications
8.2.1 Output Filters
For more information concerning output filters, see Simple Output Filter Elminiates ISO Amp Output Ripple and Keeps
Full Bandwidth and FilterPro™ MFB and Sallen-Key Low-Pass Filter Design Program User Guide.
Figure 10. ISO124 With Output Filter for Improved Ripple
8.2.1.1 Design Requirements
The ISO124 isolation amplifiers (ISO amps) have a small (10 to 20 mVp-p typical) residual demodulator ripple at
the output. A simple filter can be added to eliminate the output ripple without decreasing the 50kHz signal
bandwidth of the ISO amp.
8.2.1.2 Detailed Design Procedure
The ISO124 device is designed to have a 50-kHz single-pole (Butterworth) signal response. By cascading the
ISO amp with a simple 50-kHz, Q = 1, two-pole, low-pass filter, the overall signal response becomes three-pole
Butterworth. The result is a maximally flat 50-kHz magnitude response and the output ripple reduced below the
noise level. Figure 10 shows the complete circuit. The two-pole filter is a unity-gain Sallen-Key type consisting of
A1, R1, R2, C1, and C2. The values shown give Q = 1 and f–3dB bandwidth = 50 kHz. Because the op amp is
connected as a unity-gain follower, gain and gain accuracy of the ISO amp are unaffected. Using a precision op
amp such as the OPA602 also preserves the DC accuracy of the ISO amp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com