Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO124P Datasheet(PDF) 19 Page - Texas Instruments

Part # ISO124P
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124P Datasheet(HTML) 19 Page - Texas Instruments

Back Button ISO124P Datasheet HTML 15Page - Texas Instruments ISO124P Datasheet HTML 16Page - Texas Instruments ISO124P Datasheet HTML 17Page - Texas Instruments ISO124P Datasheet HTML 18Page - Texas Instruments ISO124P Datasheet HTML 19Page - Texas Instruments ISO124P Datasheet HTML 20Page - Texas Instruments ISO124P Datasheet HTML 21Page - Texas Instruments ISO124P Datasheet HTML 22Page - Texas Instruments ISO124P Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
+V
S1
+V
S2
Gnd
Gnd
V
IN
V
OUT
–V
S1
±V
S1
±V
S2
–V
S2
1µF
1µF 1µF
1µF
Isolation Barrier
ISO124
19
ISO124
www.ti.com
SBOS074E – SEPTEMBER 1997 – REVISED JUNE 2018
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2018, Texas Instruments Incorporated
9 Power Supply Recommendations
9.1 Signal and Supply Connections
Each power-supply pin should be bypassed with 1-µF tantalum capacitors located as close to the amplifier as
possible. The internal frequency of the modulator/demodulator is set at 500 kHz by an internal oscillator.
Therefore, if it is desired to minimize any feedthrough noise (beat frequencies) from a DC-DC converter, use a π
filter on the supplies (see Figure 10). The ISO124 output has a 500-kHz ripple of 20 mV, which can be removed
with a simple 2-pole low-pass filter with a 100-kHz cutoff using a low-cost op amp (see Figure 10).
The input to the modulator is a current (set by the 200-kΩ integrator input resistor) that makes it possible to have
an input voltage greater than the input supplies, as long as the output supply is at least ±15 V. It is therefore
possible, when using an unregulated DC-DC converter, to minimize PSR related output errors with ±5-V voltage
regulators on the isolated side and still get the full ±10-V input and output swing.
Figure 24. Basic Signal and Power Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com