Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7421 Datasheet(PDF) 15 Page - Texas Instruments

Part # ISO7421
Description  ISO7421-EP Low-Power Dual Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7421 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ISO7421 Datasheet HTML 11Page - Texas Instruments ISO7421 Datasheet HTML 12Page - Texas Instruments ISO7421 Datasheet HTML 13Page - Texas Instruments ISO7421 Datasheet HTML 14Page - Texas Instruments ISO7421 Datasheet HTML 15Page - Texas Instruments ISO7421 Datasheet HTML 16Page - Texas Instruments ISO7421 Datasheet HTML 17Page - Texas Instruments ISO7421 Datasheet HTML 18Page - Texas Instruments ISO7421 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
10
100
0
250
500
750
1000
V
– Working Voltage – V
IORM
880
120
V
at 566 V
IORM
28 Years
G001
1
2
3
4
8
7
6
5
INA
INB
OUTA
OUTB
VCC2
0.1 µF
GND2
0.1 µF
VCC1
GND1
ISO7421-EP
www.ti.com
SLLSEN3 – DECEMBER 2015
Typical Application (continued)
9.2.2 Detailed Design Procedure
ISO7421 digital isolator containing two channels has logic input and output buffer isolated by silicon dioxide
(SiO2) isolation barrier. When using ISO7421 in conjunction with isolated power supplies, these devices prevent
noise currents on a data bus or other circuit from entering the local ground and interfering with or damaging
sensitive circuitry. ISO7421 are specified for signaling rate up to 1Mbps. These devices also transmit data with
much shorter pulse widths, in most cases, because of their fast response time. Designer must add external
filtering to remove spurious signals with input pulse duration < 20 ns.
Figure 13. Typical ISO7421-EP Circuit Hookup
9.2.3 Application Curve
Figure 14. Life Expectancy vs Working Voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: ISO7421-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com