Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L293 Datasheet(PDF) 13 Page - Texas Instruments

Part # L293
Description  L293x Quadruple Half-H Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

L293 Datasheet(HTML) 13 Page - Texas Instruments

Back Button L293 Datasheet HTML 9Page - Texas Instruments L293 Datasheet HTML 10Page - Texas Instruments L293 Datasheet HTML 11Page - Texas Instruments L293 Datasheet HTML 12Page - Texas Instruments L293 Datasheet HTML 13Page - Texas Instruments L293 Datasheet HTML 14Page - Texas Instruments L293 Datasheet HTML 15Page - Texas Instruments L293 Datasheet HTML 16Page - Texas Instruments L293 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
11.9 mm
17.0 mm
38.0 mm
L293, L293D
www.ti.com
SLRS008D – SEPTEMBER 1986 – REVISED JANUARY 2016
10 Power Supply Recommendations
VCC1 is 5 V ± 0.5 V and VCC2 can be same supply as VCC1 or a higher voltage supply with peak voltage up to 36
V. Bypass capacitors of 0.1 uF or greater should be used at VCC1 and VCC2 pins. There are no power up or
power down supply sequence order requirements.
Properly heatsinking the L293 when driving high-current is critical to design. The Rthj-amp of the L293 can be
reduced by soldering the GND pins to a suitable copper area of the printed circuit board or to an external heat
sink.
Figure 14 shows the maximum package power PTOT and the
θJA as a function of the side of two equal square
copper areas having a thickness of 35
μm (see Figure 14). In addition, an external heat sink can be used (see
Figure 12).
During soldering, the pin temperature must not exceed 260°C, and the soldering time must not exceed 12
seconds.
The external heatsink or printed circuit copper area must be connected to electrical ground.
Figure 12. External Heat Sink Mounting Example (
θJA = 25°C/W)
Copyright © 1986–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: L293 L293D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com