Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1971M/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM1971M/NOPB
Description  LM1971 Overture™ Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM1971M/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM1971M/NOPB Datasheet HTML 3Page - Texas Instruments LM1971M/NOPB Datasheet HTML 4Page - Texas Instruments LM1971M/NOPB Datasheet HTML 5Page - Texas Instruments LM1971M/NOPB Datasheet HTML 6Page - Texas Instruments LM1971M/NOPB Datasheet HTML 7Page - Texas Instruments LM1971M/NOPB Datasheet HTML 8Page - Texas Instruments LM1971M/NOPB Datasheet HTML 9Page - Texas Instruments LM1971M/NOPB Datasheet HTML 10Page - Texas Instruments LM1971M/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LM1971
www.ti.com
SNAS104B – FEBRUARY 1995 – REVISED APRIL 2013
APPLICATION INFORMATION
SERIAL DATA FORMAT
The LM1971 uses a 3-wire serial communication format that is easily controlled by a microcontroller. The timing
for the 3-wire set, comprised of DATA, CLOCK, and LOAD is shown in Figure 15. As depicted in Figure 15, the
LOAD line is to go low at least 150 ns before the rising edge of the first clock pulse and is to remain low
throughout the transmission of the 16 data bits. The serial data is composed of an 8-bit address, which must
always be set to 0000 0000 to select the single audio channel, and 8 bits for attenuation setting. For both
address data and attenuation setting data, the MSB is sent first with the address data preceding the attenuation
data. Please refer to Figure 16 to confirm the serial data format transfer process.
Table 1 shows the various Address and Data byte values for different attenuation settings. Note that Address
bytes other than 0000 0000 are ignored.
μPOT SYSTEM ARCHITECTURE
The
μPot's digital interface is essentially a shift register where serial data is shifted in, latched, and then
decoded. Once new data is shifted in, the LOAD line goes high, latching in the new data. The data is then
decoded and the appropriate switch is activated to set the desired attenuation level. This process is continued
each and every time an attenuation change is made. When the µPot is powered up, it is placed into the Mute
mode.
μPOT DIGITAL COMPATIBILITY
The
μPot's digital interface section is compatible with TTL or CMOS logic. The shift register inputs act upon a
threshold of two diode drops above the ground level (Pin 3) or approximately 1.4V.
Table 1. Attenuator Register Set Description
Address Register (Byte 0)
MSB LSB
A7–A0
0000 0000
Channel 1
0000 0001
Ignored
0000 0010
Ignored
Data Register (Byte 1)
Contents
Attenuation (dB)
MSB LSB
D7–D0
0000 0000
0.0
0000 0001
1.0
0000 0010
2.0
0000 0011
3.0
:::::
::
0001 0000
16.0
0001 0001
17.0
0001 0010
18.0
0001 0011
19.0
:::::
::
0011 1101
61.0
0011 1110
62.0
0011 1111
96 (Mute)
0100 0000
96 (Mute)
:::::
::
1111 1110
96 (Mute)
1111 1111
96 (Mute)
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM1971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com