Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2512ASM/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM2512ASM/NOPB
Description  LM2512A Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2512ASM/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM2512ASM/NOPB Datasheet HTML 15Page - Texas Instruments LM2512ASM/NOPB Datasheet HTML 16Page - Texas Instruments LM2512ASM/NOPB Datasheet HTML 17Page - Texas Instruments LM2512ASM/NOPB Datasheet HTML 18Page - Texas Instruments LM2512ASM/NOPB Datasheet HTML 19Page - Texas Instruments LM2512ASM/NOPB Datasheet HTML 20Page - Texas Instruments LM2512ASM/NOPB Datasheet HTML 21Page - Texas Instruments LM2512ASM/NOPB Datasheet HTML 22Page - Texas Instruments LM2512ASM/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
A
B
C
D
E
F
G
1
2
3
4
5
6
7
Ball A1
LM2512A
www.ti.com
SNLS269B – AUGUST 2007 – REVISED MAY 2013
The MPL lines should generally run together to minimize any trace length differences (skew). For impedance
control and also noise isolation (crosstalk), guard ground traces are recommended in between the signals.
Commonly a Ground-Signal-Ground (GSGSGSG) layout is used. Locate fast edge rate and large swing signals
further away to also minimize any coupling (unwanted crosstalk). In a stacked flex interconnect, crosstalk also
needs to be taken into account in the above and below layers (vertical direction). To minimize any coupling
locate MPL traces next to a ground layer. Power rails also tend to generate less noise than LVCMOS so they are
also good candidates for use as isolation and separation.
The interconnect from the SER to the DES typically acts like a transmission line. Thus impedance control and
ground returns are an important part of system design. Impedance should be in the 50 to 100 Ohm nominal
range for the LM2512A. Testing has been done with cables ranging from 40 to 110 Ohms without error (BER
Testing). To obtain the impedance, adjacent grounds are typically required (1 layer flex), or a ground shield /
layer. Total interconnect length is intended to be in the 20cm range, however 30cm is possible at lower data
rates. Skew should be less than 500ps to maximize timing margins.
GROUNDING
While the LM2512A employs three separate types of ground pins, these are intended to be connected together
to a common ground plane. The separate ground pins help to isolate switching currents from different sections of
the integrated circuit (IC). Also required is a nearby signal return (ground) for the MPL signals. These should be
provided next to the MPL signals, as that will create the smallest current loop area. The grounds are also useful
for noise isolation and impedance control.
PCB RECOMMENDATIONS
General guidelines for the PCB design:
•
Floor plan, locate MPL SER near the connector to limit chance of cross talk to high speed serial signals.
•
Route serial traces together, minimize the number of layer changes to reduce loading.
•
Use ground lines as guards to minimize any noise coupling (specifies distance).
•
Avoid parallel runs with fast edge, large LVCMOS swings.
•
Also use a GSGSG pinout in connectors (Board to Board or ZIF).
•
DES device - follow similar guidelines.
•
Bypass the device with MLC surface mount devices and thinly separated power and ground planes with low
inductance feeds.
•
High current returns should have a separate path with a width proportional to the amount of current carried to
minimize any resulting IR effects.
CONNECTION DIAGRAM 49 NFBGA PACKAGE
Figure 21. TOP VIEW
(not to scale)
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM2512A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com