Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM26
Description  LM26 SOT-23, ±3°C Accurate, Factory-Preset Thermostat
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM26 Datasheet(HTML) 1 Page - Texas Instruments

  LM26 Datasheet HTML 1Page - Texas Instruments LM26 Datasheet HTML 2Page - Texas Instruments LM26 Datasheet HTML 3Page - Texas Instruments LM26 Datasheet HTML 4Page - Texas Instruments LM26 Datasheet HTML 5Page - Texas Instruments LM26 Datasheet HTML 6Page - Texas Instruments LM26 Datasheet HTML 7Page - Texas Instruments LM26 Datasheet HTML 8Page - Texas Instruments LM26 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM26TPA
V+ = 2.7V
to 5.5V
VTEMP
GND
HYST
OS
HYST
REF
TEMP
SENSOR
+
-
HYST=GND for 10°C Hysteresis
HYST = V+ for 2°C Hysteresis
VTEMP = (-3.479 x 10
-6 x (T-30)2) + (-1.082 x 10-2 x (T-30)) + 1.8015V
TOS
TOS - THYST
Temp. of
Leads
OS
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM26
SNIS115S – MAY 2001 – REVISED SEPTEMBER 2015
LM26 SOT-23, ±3°C Accurate, Factory-Preset Thermostat
1 Features
3 Description
The LM26 is a precision, single digital-output, low-
1
•
Internal Comparator With Pin Programmable 2°C
power thermostat comprised of an internal reference,
or 10°C Hysteresis
DAC, temperature sensor and comparator. Utilizing
•
No External Components Required
factory programming, it can be manufactured with
•
Open-Drain or Push-Pull Digital Output; Supports
different trip points as well as different digital output
functionality. The trip point (TOS) can be preset at the
CMOS Logic Levels
factory to any temperature in the range of
−55°C to
•
Internal Temperature Sensor With VTEMP Output
110°C in 1°C increments. The LM26 has one digital
Pin
output (OS/OS/US/US), one digital input (HYST) and
•
VTEMP Output Allows After-Assembly System
one analog output (VTEMP). The digital output stage
Testing
can be preset as either open-drain or push-pull. In
addition, it can be factory programmed to be active
•
Internal Voltage Reference and DAC for Trip-Point
HIGH or LOW. The digital output can be factory
Setting
programmed
to
indicate
an
over
temperature
•
Currently Available in 5-pin SOT-23 Plastic
shutdown event (OS or OS) or an under temperature
Package
shutdown event (US or US). When preset as an
•
Excellent Power Supply Noise Rejection
overtemperature shutdown (OS) it will go LOW to
indicate that the die temperature is over the internally
•
UL Recognized Component
preset TOS and go HIGH when the temperature goes
•
Key Specifications
below (TOS–THYST). Similarly, when preprogrammed
–
Power Supply Voltage 2.7 V to 5.5 V
as an undertemperature shutdown (US) it will go
HIGH to indicate that the temperature is below TUS
–
Power Supply Current
and go LOW when the temperature is above
40
μA (Maximum) 16 μA (Typical)
(TUS+THYST). The typical hysteresis, THYST, can be set
–
Hysteresis Temperature 2°C or 10°C (Typical)
to 2°C or 10°C and is controlled by the state of the
HYST pin. A VTEMP analog output provides a voltage
2 Applications
that is proportional to temperature and has a
−10.82
mV/°C output slope.
•
Microprocessor Thermal Management
•
Appliances
Available parts are detailed in the Device Comparison
Table. For other part options, contact a Texas
•
Portable Battery Powered Systems
Instruments Distributor or Sales Representative for
•
Fan Control
information on minimum order qualification. The
•
Industrial Process Control
LM26 is currently available in a 5-lead SOT-23
package.
•
HVAC Systems
•
Remote Temperature Sensing
Device Information(1)
•
Electronic System Protection
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM26
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
LM26CIM5-TPA Simplified Block Diagram and Connection Diagram
The LM26CIM5-TPA has a fixed trip point of 85°C. For other trip point and output function availability, please see the
Device Comparison Table or contact Texas Instruments.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM26

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
130Kb / 6P
Adapter Interface Circuit
LM26 NSC-LM26 Datasheet
2Mb / 19P
400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM26 NSC-LM26 Datasheet
733Kb / 16P
400mA Sub-Miniature Adjustable DC-DC Converter Optimized for RF Power Amplifiers
LM26 NSC-LM26 Datasheet
428Kb / 15P
400mA Sub-miniature, High Efficiency, Synchronous PWM & PFM Programmable DC-DC Converter
LM26 NSC-LM26 Datasheet
844Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
More results

Similar Description - LM26

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
Accurate, Factory Preset Thermostat
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
logo
Texas Instruments
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
LM26 TI-LM26_15 Datasheet
950Kb / 24P
Accurate, Factory-Preset Thermostat
LM26NV TI-LM26NV_15 Datasheet
739Kb / 17P
LM26NV SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
LM27 TI-LM27_15 Datasheet
981Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com