Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM258AMDREP.A Datasheet(PDF) 3 Page - Texas Instruments

Part # LM258AMDREP.A
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM258AMDREP.A Datasheet(HTML) 3 Page - Texas Instruments

  LM258AMDREP.A Datasheet HTML 1Page - Texas Instruments LM258AMDREP.A Datasheet HTML 2Page - Texas Instruments LM258AMDREP.A Datasheet HTML 3Page - Texas Instruments LM258AMDREP.A Datasheet HTML 4Page - Texas Instruments LM258AMDREP.A Datasheet HTML 5Page - Texas Instruments LM258AMDREP.A Datasheet HTML 6Page - Texas Instruments LM258AMDREP.A Datasheet HTML 7Page - Texas Instruments LM258AMDREP.A Datasheet HTML 8Page - Texas Instruments LM258AMDREP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
LM258A-EP
DUAL OPERATIONAL AMPLIFIERS
SLOS506 – OCTOBER 2006
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
Supply voltage(2)
±16 or 32
V
VID
Differential input voltage(3)
±32
V
VI
Input voltage (either input)
–0.3 to 32
V
Duration of output short circuit (one amplifier) to ground
Unlimited
at (or below) 25
°C free-air temperature (V
CC ≤ 15 V)
(4)
θ
JA
Package thermal impedance(5)(6)
97
°C/W
TA
Operating free-air temperature range
–55 to 125
°C
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range(7)
–65 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages and VCC specified for measurement of IOS, are with respect to the network ground
terminal.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
(5)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
(7)
Long-term high-temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction of
overall device life. See http://www.ti.com/ep_quality for additional information on enhanced plastic packaging.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com