Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM321 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM321
Description  LM321 Low Power Single Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM321 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM321 Datasheet HTML 3Page - Texas Instruments LM321 Datasheet HTML 4Page - Texas Instruments LM321 Datasheet HTML 5Page - Texas Instruments LM321 Datasheet HTML 6Page - Texas Instruments LM321 Datasheet HTML 7Page - Texas Instruments LM321 Datasheet HTML 8Page - Texas Instruments LM321 Datasheet HTML 9Page - Texas Instruments LM321 Datasheet HTML 10Page - Texas Instruments LM321 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LM321
www.ti.com
SNOS935C – FEBRUARY 2001 – REVISED DECEMBER 2014
7 Detailed Description
7.1 Overview
The LM321 operational amplifer can operate with a single or dual power supply voltage, has true-differential
inputs, and remains in the linear mode with an input common-mode voltage of 0 VDC. This amplifier operates
over a wide range of power supply voltages, with little change in performance characteristics. At 25°C amplifier
operation is possible down to a minimum supply voltage of 3 V. Large differential input voltages can be easily
accommodated and, as input differential voltage protection diodes are not needed, no large input currents result
from large differential input voltages. The differential input voltage may be larger than V+ without damaging the
device. Protection should be provided to prevent the input voltages from going negative more than
−0.3 VDC (at
25°C). An input clamp diode with a resistor to the IC input terminal can be used.
7.2 Functional Block Diagram
7.3 Feature Description
To reduce the power supply drain, the amplifier has a class A output stage for small signal levels which converts
to class B in a large signal mode. This allows the amplifiers to both source and sinks large output currents.
Therefore both NPN and PNP external current boost transistors can be used to extend the power capability of
the basic amplifiers. The output voltage needs to raise approximately 1 diode drop above ground to bias the on
chip vertical PNP transistor for output current sinking applications.
For AC applications, where the load is capacitively coupled to the output of the amplifier, a resistor should be
used, from the output of the amplifier to ground to increase the class A bias current and to reduce distortion.
Capacitive loads which are applied directly to the output of the amplifier reduce the loop stability margin. Values
of 50 pF can be accommodated using the worst-case non-inverting unity gain connection. Large closed loop
gains or resistive isolation should be used if large load capacitance must be driven by the amplifier.
The bias network of the LM321 establishes a supply current which is independent of the magnitude of the power
supply voltage over the range of from 3 VDC to 30 VDC.
Output short circuits either to ground or to the positive power supply should be of short time duration. Units can
be destroyed, not as a result of the short circuit current causing metal fusing, but rather due to the large increase
in IC chip dissipation which will cause eventual failure due to excessive junction temperatures. The larger value
of output source current which is available at 25°C provides a larger output current capability at elevated
temperatures than a standard IC operational amplifer.
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com