Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3281 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3281
Description  LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3281 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3281 Datasheet HTML 8Page - Texas Instruments LM3281 Datasheet HTML 9Page - Texas Instruments LM3281 Datasheet HTML 10Page - Texas Instruments LM3281 Datasheet HTML 11Page - Texas Instruments LM3281 Datasheet HTML 12Page - Texas Instruments LM3281 Datasheet HTML 13Page - Texas Instruments LM3281 Datasheet HTML 14Page - Texas Instruments LM3281 Datasheet HTML 15Page - Texas Instruments LM3281 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
LM3281
SNVSA38 – NOVEMBER 2014
www.ti.com
7.3.8 Thermal Overload Protection
The LM3281 device has a thermal overload protection that protects the device from short-term misuse and
overload conditions. If the junction temperature exceeds 150°C, the LM3281 shuts itself down. Normal operation
resumes after the temperature drops below 125°C. Prolonged operation in thermal overload condition may
damage the device and is therefore not recommended.
7.3.9 Current Limit
The current limit feature allows the LM3281 to protect itself and external components during overload conditions.
In PWM mode, the cycle-by-cycle current limit of the SW pin is 1.9-A peak, and the bypass current limit is 1.3 A.
Thus, the total current limit is 2.2 A (typ.). During the start-up condition or when the output voltage is less than
0.34 V, the SW pin current limit is reduced to 0.85 A peak, and the bypass current is disabled. If excessive load
prevents the output from rising above 0.34 V for more than 40
μs, the LM3281 enters the short-circuit-protection
state.
7.3.10 Power-On Reset
Some applications may require tying the EN pin directly to the VIN pin. For this reason, the LM3281 features a
Power on Reset (POR) that ensures that the part will enter a deterministic state when power is first applied.
When the EN pin is tied directly to the VIN pin, the input power supply needs to rise fast enough for the POR
circuit to work properly. The VIN voltage should not stay between 1.2 V and 2.6 V for longer than 20 µs. This is
not required if the EN pin voltage remains below VIL (below 0.2 V) until VIN is at least at 2.6 V.
7.4 Device Functional Modes
The LM3281 includes five steady-state modes of operation depending on MODE, VIN, and ILOAD conditions: PWM
(Pulse Width Modulation), Forced PWM, ECO (ECOnomy), Analog Bypass, and Shutdown. Two protection
mechanisms include current limiting and thermal overload protection. Finally, soft-start operation is active to
prevent excessive input current only when the part is first enabled.
7.4.1 PWM Mode
When the LM3281 operates in PWM mode, the switching frequency is constant, and the switcher regulates the
output voltage by changing the energy per cycle to support the load required. During the first portion of each
switching cycle, the control block in the LM3281 turns on the internal PFET switch. This allows current to flow
from the input through the inductor and to the output filter capacitor and load. The inductor limits the current to a
ramp with a slope of (VIN – VOUT)/L, by storing energy in its magnetic field. During the second portion of each
cycle, the control block turns the PFET switch off, blocking current flow from the input, and then turns the NFET
synchronous rectifier on. The inductor draws current from ground through the NFET and to the output filter
capacitor and load, which ramps the inductor current down with a slope of –VOUT/L. The output filter capacitor
stores charge when the inductor current is greater than the load current and releases it when the inductor current
is less than the load current, smoothing the voltage across the load. At the next rising edge of the clock, the
cycle repeats. An increase of load pulls the output voltage down, increasing the error signal. As the error signal
increases, the peak inductor current becomes higher, thus increasing the average inductor current. The output
voltage is therefore regulated by modulating the PFET switch on-time to control the average current sent to the
load. The circuit generates a duty-cycle modulated rectangular signal that is averaged using a low pass filter
formed by the inductor and output capacitor. The output voltage is equal to the average of the duty-cycle
modulated rectangular signal.
7.4.2 Forced PWM (FPWM) Mode
To maintain high efficiency at lighter loads, LM3281 automatically goes into what is called ECO mode which has
low IQ but higher ripple compared to PWM mode. If an application requires very low ripple and/or fast transient
response, LM3281 can be forced to operate in PWM mode even at lighter loads. When high, the MODE pin
permits automatic PWM or ECO mode operation based on load current. When MODE is pulled low the LM3281
enters “forced PWM” operation with very low ripple and optimized transient response. If automatic PWM/ECO
mode operation is desired, the MODE pin can be permanently tied high in an application to allow the device to
always select a mode of operation automatically based on the load current conditions.
It should be noted that LM3281 transient performance is quite good in ECO mode, and it may not be necessary
to operate in FPWM mode for transient performance reasons alone. Normally, FPWM operation is selected for
lower output voltage ripple.
12
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com