Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM321MFX/NOPB.B Datasheet(PDF) 8 Page - Texas Instruments

Part # LM321MFX/NOPB.B
Description  LM321 Low Power Single Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM321MFX/NOPB.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM321MFX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM321MFX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM321MFX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM321MFX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM321MFX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM321MFX/NOPB.B Datasheet HTML 9Page - Texas Instruments LM321MFX/NOPB.B Datasheet HTML 10Page - Texas Instruments LM321MFX/NOPB.B Datasheet HTML 11Page - Texas Instruments LM321MFX/NOPB.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LM321
SNOS935C – FEBRUARY 2001 – REVISED DECEMBER 2014
www.ti.com
7.4 Device Functional Modes
7.4.1 Common-Mode Voltage Range
The input common-mode voltage range of the LM321 series extends from 300 mV below ground to 32 V for
normal operation. The typical performance in this range is summarized in Table 1:
Table 1. Typical Performance Range (Vs = 5 V)
PARAMETER
MIN
TYP
MAX
UNIT
Input voltage range
–0.3
32
V
Offset voltage
2
7
mV
Offset voltage drift (TA = –40°C to 85°C)
9
µV/°C
CMRR
65
85
dB
PSRR
65
100
dB
Gain bandwidth product (GBP)
1
MHz
Slew rate
0.4
V/µs
Phase margin
60
°
Equivalent input noise voltage
40
nV/
√Hz
8
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LM321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com