Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3401 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3401
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3401 Datasheet(HTML) 1 Page - Texas Instruments

  LM3401 Datasheet HTML 1Page - Texas Instruments LM3401 Datasheet HTML 2Page - Texas Instruments LM3401 Datasheet HTML 3Page - Texas Instruments LM3401 Datasheet HTML 4Page - Texas Instruments LM3401 Datasheet HTML 5Page - Texas Instruments LM3401 Datasheet HTML 6Page - Texas Instruments LM3401 Datasheet HTML 7Page - Texas Instruments LM3401 Datasheet HTML 8Page - Texas Instruments LM3401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
HYS
ILIM
DIM
CS
HG
SNS
VIN
LM3401
LED
current
C1
L1
GND
R1
R2
R3
Q1
VIN = 4.5V to 35V
D1
LM3401
www.ti.com
SNVS516C – AUGUST 2007 – REVISED MAY 2013
LM3401 Hysteretic PFET Controller for High Power LED Drive
Check for Samples: LM3401
1
FEATURES
DESCRIPTION
The LM3401 is a switching controller designed to
2
•
Hysteretic Control for Speed and Simplicity
provide constant current to high power LEDs. The
•
Input Operating Range of 4.5V-35V
LM3401 drives an external P-MOSFET switch for
•
1.5MHz Maximum Switching Frequency
step-down (Buck) regulators. The LM3401 delivers
constant current within ±6% accuracy to a wide
•
Low 200mV Reference Voltage
variety and number of series connected LEDs. Output
•
Programmable Current Limit
current is adjusted with an external current sensing
•
High speed CMOS Compatible
resistor to drive high power LEDs in excess of 1A.
Enable/Dimming
For improved accuracy and efficiency, the LM3401
•
Adjustable Hysteresis
features dual-side hysteresis, very low reference
•
Input UVLO
voltage, and short propagation delay. A cycle by
cycle current limit provides protection against over
•
No output Capacitor Required
current and short circuit failures. Additional features
•
8-pin VSSOP Package
include
adjustable
hysteresis
and
a
CMOS
compatible input pin for PWM dimming.
APPLICATIONS
•
LED Driver
•
Battery Charger
TYPICAL APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3401

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
387Kb / 18P
Hysteretic PFET Controller for High Power LED Drive
logo
Texas Instruments
LM3401 TI-LM3401 Datasheet
1Mb / 27P
LM3401 Hysteretic PFET Controller for High Power LED Drive
LM3401 TI1-LM3401 Datasheet
549Kb / 23P
Hysteretic PFET Controller for High Power LED Drive
LM3401 TI1-LM3401 Datasheet
1Mb / 27P
Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
401Kb / 18P
Hysteretic PFET Controller for High Power LED Drive
More results

Similar Description - LM3401

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
Hysteretic PFET Buck Controller
LM3401 NSC-LM3401 Datasheet
387Kb / 18P
Hysteretic PFET Controller for High Power LED Drive
LM3401 NSC-LM3401_08 Datasheet
401Kb / 18P
Hysteretic PFET Controller for High Power LED Drive
logo
Texas Instruments
LM3401MM TI-LM3401MM Datasheet
1Mb / 27P
LM3401 Hysteretic PFET Controller for High Power LED Drive
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
Hysteretic PFET Buck Controller
LM3401 TI1-LM3401 Datasheet
549Kb / 23P
Hysteretic PFET Controller for High Power LED Drive
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
LM3401 TI1-LM3401_15 Datasheet
1Mb / 27P
Hysteretic PFET Controller for High Power LED Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com