Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM140LAH-5.0 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM140LAH-5.0
Description  LM140L/LM340L Series 3-Terminal Positive Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM140LAH-5.0 Datasheet(HTML) 3 Page - Texas Instruments

  LM140LAH-5.0 Datasheet HTML 1Page - Texas Instruments LM140LAH-5.0 Datasheet HTML 2Page - Texas Instruments LM140LAH-5.0 Datasheet HTML 3Page - Texas Instruments LM140LAH-5.0 Datasheet HTML 4Page - Texas Instruments LM140LAH-5.0 Datasheet HTML 5Page - Texas Instruments LM140LAH-5.0 Datasheet HTML 6Page - Texas Instruments LM140LAH-5.0 Datasheet HTML 7Page - Texas Instruments LM140LAH-5.0 Datasheet HTML 8Page - Texas Instruments LM140LAH-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LM140L, LM340L
www.ti.com
SNVS758B – APRIL 1998 – REVISED MARCH 2013
Electrical Characteristics (continued)
Test conditions unless otherwise specified. TA = −55°C to +125°C (LM140LA), TA = 0°C to +70°C (LM340LA), IO = 40 mA, CIN
= 0.33
μF, CO = 0.01 μF.
Output Voltage Option
5.0V
12V
15V
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Symbol
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VN
Output Noise Tj = 25°C
(2), f = 10 Hz–10 kHz
40
80
90
μV
Voltage
f = 120 Hz, VIN = ( )V
55
62
47
54
45
52
ΔVIN
Ripple
dB
ΔVout
Rejection
(7.5–18)
(14.5–25)
(17.5–28.5)
Input Voltage
Required to
Tj = 25°C, IO = 40 mA
7
14.2
17.3
V
Maintain Line
Regulation
(2)
It is recommended that a minimum load capacitor of 0.01
μF be used to limit the high frequency noise bandwidth.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM140L LM340L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com