Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM140LAH-12 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM140LAH-12
Description  LM140L/LM340L Series 3-Terminal Positive Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM140LAH-12 Datasheet(HTML) 1 Page - Texas Instruments

  LM140LAH-12 Datasheet HTML 1Page - Texas Instruments LM140LAH-12 Datasheet HTML 2Page - Texas Instruments LM140LAH-12 Datasheet HTML 3Page - Texas Instruments LM140LAH-12 Datasheet HTML 4Page - Texas Instruments LM140LAH-12 Datasheet HTML 5Page - Texas Instruments LM140LAH-12 Datasheet HTML 6Page - Texas Instruments LM140LAH-12 Datasheet HTML 7Page - Texas Instruments LM140LAH-12 Datasheet HTML 8Page - Texas Instruments LM140LAH-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM140L, LM340L
www.ti.com
SNVS758B – APRIL 1998 – REVISED MARCH 2013
LM140L/LM340L Series 3-Terminal Positive Regulators
Check for Samples: LM140L, LM340L
1
FEATURES
The LM140LA/LM340LA are available in the low
2
•
Line Regulation of 0.04%/V
profile metal three lead TO (NDT) and the LM340LA
•
Load Regulation of 0.01%/mA
are also available in the plastic TO-92 (LP). With
•
Output Voltage Tolerances of
adequate heat sinking the regulator can deliver 100
mA output current. Current limiting is included to limit
–
±2% at Tj = 25°C and ±4% Over the
the peak output current to a safe value. Safe area
Temperature Range (LM140LA)
protection for the output transistor is provided to limit
–
±3% Over the Temperature Range
internal
power
dissipation.
If
internal
power
(LM340LA)
dissipation becomes too high for the heat sinking
•
Output Current of 100 mA
provided, the thermal shut-down circuit takes over,
preventing the IC from overheating.
•
Internal Thermal Overload Protection
•
Output Transistor Safe Area Protection
For applications requiring other voltages, see LM117L
Data Sheet.
•
Internal Short Circuit Current Limit
•
Available in
Output Voltage Options
–
Metal TO Low Profile Package
LM140LA-5.0
5V
LM340LA-5.0
5V
(LM140LA/LM340LA)
LM140LA-12
12V
LM340LA-12
12V
–
Plastic TO-92 (LM340LA)
LM140LA-15
15V
LM340LA-15
15V
DESCRIPTION
The
LM140L
series
of
three
terminal
positive
Connection Diagrams
regulators is available with several fixed output
voltages making them useful in a wide range of
applications. The LM140LA is an improved version of
the LM78LXX series with a tighter output voltage
tolerance (specified over the full military temperature
range), higher ripple rejection, better regulation and
lower quiescent current. The LM140LA regulators
have ±2% VOUT specification, 0.04%/V line regulation,
and 0.01%/mA load regulation. When used as a
zener diode/resistor combination replacement, the
Figure 1. TO Metal Can Package (NDT)
LM140LA usually results in an effective output
(Bottom View)
impedance improvement of two orders of magnitude,
and lower quiescent current. These regulators can
provide local on card regulation, eliminating the
distribution problems associated with single point
regulation. The voltages available allow the LM140LA
to be used in logic systems, instrumentation, Hi-Fi,
and other solid state electronic equipment. Although
designed primarily as fixed voltage regulators, these
devices can be used with external components to
Figure 2. TO-92 Plastic Package (LP)
obtain adjustable voltages and currents.
(Bottom View)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM140LAH-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140LAH-12 NSC-LM140LAH-12 Datasheet
143Kb / 6P
3-Terminal Positive Regulators
logo
Texas Instruments
LM140LAH-12 TI1-LM140LAH-12 Datasheet
406Kb / 14P
LM140L/LM340L Series 3-Terminal Positive Regulators
LM140LAH-12 TI-LM140LAH-12 Datasheet
303Kb / 13P
LM140LQML Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM140LAH-12/883 NSC-LM140LAH-12/883 Datasheet
143Kb / 6P
3-Terminal Positive Regulators
logo
Texas Instruments
LM140LAH-12/883 TI1-LM140LAH-12/883 Datasheet
633Kb / 11P
LM140LQML Series 3-Terminal Positive Regulators
More results

Similar Description - LM140LAH-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
3-Terminal Positive Regulators
LM342 NSC-LM342 Datasheet
138Kb / 6P
3-Terminal Positive Regulators
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
3-Terminal Positive Regulators
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
Series 3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
3-Terminal Positive Regulators
LM340 NSC-LM340 Datasheet
920Kb / 17P
3-Terminal Positive Regulators
logo
Sipex Corporation
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
3-Terminal Positive Regulators
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
3-Terminal Positive Regulators
logo
Texas Instruments
LM140LAH-15 TI1-LM140LAH-15 Datasheet
406Kb / 14P
LM140L/LM340L Series 3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com