Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM360MX/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM360MX/NOPB
Description  LM160/LM360 High Speed Differential Comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM360MX/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM360MX/NOPB Datasheet HTML 2Page - Texas Instruments LM360MX/NOPB Datasheet HTML 3Page - Texas Instruments LM360MX/NOPB Datasheet HTML 4Page - Texas Instruments LM360MX/NOPB Datasheet HTML 5Page - Texas Instruments LM360MX/NOPB Datasheet HTML 6Page - Texas Instruments LM360MX/NOPB Datasheet HTML 7Page - Texas Instruments LM360MX/NOPB Datasheet HTML 8Page - Texas Instruments LM360MX/NOPB Datasheet HTML 9Page - Texas Instruments LM360MX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LM160, LM360
SNOSBJ4C – MAY 1999 – REVISED MARCH 2013
www.ti.com
AC TEST CIRCUIT
VIN=±50 mV
FANOUT=1
FANOUT=4
V+=+5V
R=2.4k
R=630
Ω
V−=
−5V
C=15 pF
C=30 pF
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM160 LM360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com