Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM397MF/NOPB.B Datasheet(PDF) 7 Page - Texas Instruments

Part # LM397MF/NOPB.B
Description  LM397 Single General-Purpose Voltage Comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM397MF/NOPB.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM397MF/NOPB.B Datasheet HTML 3Page - Texas Instruments LM397MF/NOPB.B Datasheet HTML 4Page - Texas Instruments LM397MF/NOPB.B Datasheet HTML 5Page - Texas Instruments LM397MF/NOPB.B Datasheet HTML 6Page - Texas Instruments LM397MF/NOPB.B Datasheet HTML 7Page - Texas Instruments LM397MF/NOPB.B Datasheet HTML 8Page - Texas Instruments LM397MF/NOPB.B Datasheet HTML 9Page - Texas Instruments LM397MF/NOPB.B Datasheet HTML 10Page - Texas Instruments LM397MF/NOPB.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
VIN+
VIN-
VS
GND
OUTPUT
VOLTS
VREF
VO
TIME
VIN
VREF
VIN
VO
-
+
V
-
RPULL-UP
VS
7
LM397
www.ti.com
SNOS977F – MAY 2001 – REVISED MAY 2016
Product Folder Links: LM397
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
A comparator is often used to convert an analog signal to a digital signal. The comparator compares an input
voltage (VIN) at the noninverting pin to the reference voltage (VREF) at the inverting pin. If VIN is less than VREF
the output (VO) is low (VOL). However, if VIN is greater than VREF, the output voltage (VO) is high (VOH). Refer to
Figure 6.
Figure 5. Basic Comparator
Figure 6. Basic Comparator Output
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Input Stage
The LM397 has a bipolar input stage. The input common-mode voltage range is from 0 to (VS – 1.5 V).
7.3.2 Output Stage
The LM397 has an open-collector grounded-emitter NPN output transistor for the output stage. This requires an
external pullup resistor connected between the positive supply voltage and the output. The external pullup
resistor should be high enough resistance so to avoid excessive power dissipation. In addition, the pullup resistor
should be low enough resistance to enable the comparator to switch with the load circuitry connected. Because it
is an open-collector output stage, several comparator outputs can be connected together to create an OR’ing
function output. With an open collector, the output can be used as a simple SPST switch to ground. The amount
of current which the output can sink is approximately 10 mA. When the maximum current limit is reached, the
output transistor will saturate and the output will rise rapidly (Figure 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com