Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0803463 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803463
Description  EMT (EX14)R YE - Insert label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803463 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803463 Datasheet HTML 1Page - PHOENIX CONTACT 0803463 Datasheet HTML 2Page - PHOENIX CONTACT 0803463 Datasheet HTML 3Page - PHOENIX CONTACT 0803463 Datasheet HTML 4Page - PHOENIX CONTACT 0803463 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Insert label, for marking Siemens S7-400 controllers, Roll, yellow, unlabeled, can be labeled
with: THERMOMARK E.300 (D)/600 (D), THERMOMARK ROLL 2.0, THERMOMARK ROLL,
THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2,
mounting type: insert, Number of individual labels: 1, text field height: 14 mm, text field width:
30000 mm
Your advantages
EMT (Ex14)R, yellow insert label, for marking Siemens S7-400 controllers
Thanks to their special shape, the EMT (Ex14)R insert labels remain securely inside the collar of the Siemens controller once inserted
Quick and inexpensive marking with THERMOMARK ... roll printers from Phoenix Contact
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
Marking service: Phoenix Contact can custom-mark all EMT ... markers according to your requirements
Commercial data
Item number
0803463
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
BG2411
GTIN
4055626073422
Weight per piece (including packing)
113.1 g
Weight per piece (excluding packing)
99.99 g
Country of origin
DE
EMT (EX14)R YE - Insert label
0803463
https://www.phoenixcontact.com/us/products/0803463
Jun 25, 2025, 7:26AM
Page 1 (5)


Similar Part No. - 0803463

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803460 PHOENIX-0803460 Datasheet
182Kb / 5P
EMT (23X109)R GY - Insert label
0803461 PHOENIX-0803461 Datasheet
184Kb / 6P
EMT (EX14)R - Insert label
0803462 PHOENIX-0803462 Datasheet
183Kb / 5P
EMT (EX14)R TQ - Insert label
0803464 PHOENIX-0803464 Datasheet
185Kb / 5P
TM-PTRV 4,QR:1-4 - Marker for terminal blocks
0803466 PHOENIX-0803466 Datasheet
53Kb / 2P
Marker for terminal blocks - TM-PTRV 4,QR:A-D
09/12/2020
More results

Similar Description - 0803463

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800042 PHOENIX-0800042 Datasheet
49Kb / 3P
Insert label - EMT (103X23)R TQ
0803848 PHOENIX-0803848 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5)
0803849 PHOENIX-0803849 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5) YE
0803851 PHOENIX-0803851 Datasheet
50Kb / 2P
Insert label - US-EMT (50X26)
0803853 PHOENIX-0803853 Datasheet
50Kb / 2P
Insert label - US-EMT (50/28X13)
0803856 PHOENIX-0803856 Datasheet
50Kb / 2P
Insert label - US-EMT (103X23)
0803858 PHOENIX-0803858 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109)
0803859 PHOENIX-0803859 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109) YE
0803862 PHOENIX-0803862 Datasheet
50Kb / 2P
Insert label - US-EMT (13X109)
0803863 PHOENIX-0803863 Datasheet
51Kb / 2P
Insert label - US-EMT (13X109) YE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com