Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C12B07SWBWH Datasheet(PDF) 1 Page - SEPA EUROPE GmbH

Part # C12B07SWBWH
Description  Axial Fans
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEPA [SEPA EUROPE GmbH]
Direct Link  https://www.sepa-europe.com/en/
Logo SEPA - SEPA EUROPE GmbH

C12B07SWBWH Datasheet(HTML) 1 Page - SEPA EUROPE GmbH

  C12B07SWBWH Datasheet HTML 1Page - SEPA EUROPE GmbH C12B07SWBWH Datasheet HTML 2Page - SEPA EUROPE GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEPA
®
LARGE SIZE FAN FAMILY
BRUSHLESS AC FANS
Axial Fans
The fans include two ball-bearings and are characterised by low power consumption, low noise and high air
performance. The air performance diagram shows a good linearity for air flow via air pressure, therefore the fans are
adapted for any applications with best results. Protection against excessive temperature is included. Standard models
are printed boldface.
Very stable metal housing, impeller made from PBT 30%FG, high precision ball-bearings and operating temperatures
-40…+70°C are further highlights of these fans. Fan models with sleeve bearings or for high temperature up to 90°C or
IP55 protected fans are available on request.
Model No.
Op. Voltage
[VAC/Hz]
Op.
Power
[W]
Speed
[RPM]
Noise
[dB(A)]
Air
Flow
[m
3/h]
Dimension
[mm]
Life Exp.
[h]
@40°C
Approvals
UF60D12BWH
115/60
4
3100
28
17
ABC:60x60x30 ab:50x50
40000
UL, CUL, CE
UF60D23BWH
230/50
5
2550
27
14
ABC:60x60x30 ab:50x50
40000
UL, VDE, CE
A08A12SWBY00
115/60
8
3100
35
40
ABC:80x80x25 ab:71.5x71.5
40000
CE
A08A12HWBY00
115/60
14
3000
35
36
ABC:80x80x25 ab:71.5x71.5
40000
UL, CE
A08A12MWBY00
115/60
14
2800
34
34
ABC:80x80x25 ab:71.5x71.5
40000
UL, CE
A08A23SWBY00
230/50
9
2600
33
35
ABC:80x80x25 ab:71.5x71.5
40000
UL, CUL, CE
A08A23HWBY00
230/50
16
2400
32
30
ABC:80x80x25 ab:71.5x71.5
40000
UL, VDE, CE
A08A23MWBY00
230/50
16
2200
29
28
ABC:80x80x25 ab:71.5x71.5
40000
UL, VDE, CE
A08B12SWBY00
115/60
8
3100
38
54
ABC:80x80x38 ab:71.5x71.5
40000
CE
A08B12HWBY00
115/60
12
3000
36
48
ABC:80x80x38 ab:71.5x71.5
40000
UL, CE
A08B12MWBY00
115/60
12
2500
33
43
ABC:80x80x38 ab:71.5x71.5
40000
UL, CE
A08B12LWBY00
115/60
12
2500
32
42
ABC:80x80x38 ab:71.5x71.5
40000
UL, CE
A08B23SWBY00
230/50
9
2700
34
46
ABC:80x80x38 ab:71.5x71.5
40000
UL, CUL, CE
A08B23HWBF00
230/50
14
2500
33
40
ABC:80x80x38 ab:71.5x71.5
40000
UL, VDE, CE
A08B23MWBF00
230/50
14
2100
29
36
ABC:80x80x38 ab:71.5x71.5
40000
UL, VDE, CE
A08B23LWBF00
230/50
14
1900
27
33
ABC:80x80x38 ab:71.5x71.5
40000
UL, VDE, CE
A09A12STBY00
115/60
9
3250
38
66
ABC:92x92x25 ab:82.5x82.5
40000
CE
A09A12HTBF00
115/60
14
2800
36
62
ABC:92x92x25 ab:82.5x82.5
40000
UL, CE
A09A12MTBF00
115/60
14
2400
33
55
ABC:92x92x25 ab:82.5x82.5
40000
UL, CE
A09A23MTBY00
230/50
12
2700
34
55
ABC:92x92x25 ab:82.5x82.5
40000
CE
A09A23HTBF00
230/50
16
2400
32
50
ABC:92x92x25 ab:82.5x82.5
40000
UL, VDE, CE
A09A23MTBF00
230/50
16
2050
29
43
ABC:92x92x25 ab:82.5x82.5
40000
UL, VDE, CE
A09B12SWBY00
115/60
12
3300
43
89
ABC:92x92x38 ab:82.5x82.5
40000
CE
A09B12HWBY00
115/60
8
2800
38
76
ABC:92x92x38 ab:82.5x82.5
40000
CE
A09B23SWBY00
230/50
13
2800
38
76
ABC:92x92x38 ab:82.5x82.5
40000
CE
A09B23HWBY00
230/50
9
2400
33
64
ABC:92x92x38 ab:82.5x82.5
40000
CE
A12A12STBY00
115/60
11
3100
44
130
ABC:120x120x25 ab:104.8x104.8
40000
CE
A12A12HTBF00
115/60
14
2500
42
118
ABC:120x120x25 ab:104.8x104.8
40000
UL, CE
A12A12MTBF00
115/60
14
2000
33
95
ABC:120x120x25 ab:104.8x104.8
40000
UL, CE
A12A23MTBY00
230/50
12
2600
39
110
ABC:120x120x25 ab:104.8x104.8
40000
CE
A12A23HTBF00
230/50
16
2200
38
100
ABC:120x120x25 ab:104.8x104.8
40000
UL, VDE, CE
A12A23MTBF00
230/50
16
1900
32
90
ABC:120x120x25 ab:104.8x104.8
40000
UL, VDE, CE
A12B05HTBR00
24/50
23
2650
43
150
ABC:120x120x38 ab:105x105
40000
CE
A12B12STBW00
115/60
20
3100
49
183
ABC:119x119x38 ab:105x105
40000
UL, CE
A12B12HTBW00
115/60
17
2900
48
167
ABC:119x119x38 ab:105x105
40000
UL, CE
A12B12MTBW00
115/60
15
2600
40
145
ABC:119x119x38 ab:105x105
40000
UL, CE
A12B12LTBW00
115/60
10
2300
39
132
ABC:119x119x38 ab:105x105
40000
CE
A12B23STBW00
230/50
22
2700
44
165
ABC:119x119x38 ab:105x105
40000
UL, VDE, CE
A12B23HTBW00
230/50
18
2550
43
144
ABC:119x119x38 ab:105x105
40000
UL, VDE, CE
A12B23MTBW00
230/50
16
2400
35
135
ABC:119x119x38 ab:105x105
40000
UL,CUL, CE
A12B23LTBW00
230/50
9
2150
37
122
ABC:119x119x38 ab:105x105
40000
UL,CUL, CE
A12B23ETBW00
230/50
13
1800
28
100
ABC:119x119x38 ab:105x105
40000
CE
A13B12HTBY00
115/60
21
3100
48
210
ABC:127x127x38 ab:113.3x113.3
40000
CE
A13B23HTBY00
230/50
23
2700
43
188
ABC:127x127x38 ab:113.3x113.3
40000
CE
C17B12HTBF00
115/60
28
3300
57
340
ABC:172x172x38 ab:162x162
40000
UL,CUL, CE
C17B23HTBF00
230/50
27
2800
52
300
ABC:172x172x38 ab:162x162
40000
UL,CUL, CE
C17C12HTBF00
115/60
30
3300
58
380
ABC:172x150x51 ab:162x162
40000
UL,CUL, CE
C17C23HTBF00
230/50
29
2800
53
330
ABC:172x150x51 ab:162x162
40000
UL,CUL, CE
A17C12HWBP00
115/60
34
2500
51
300
ABC:172x150x51 ab:162x162
40000
CE
A17C23HWBP00
230/50
37
2500
51
300
ABC:172x150x51 ab:162x162
40000
CE
SEPA EUROPE GmbH
D-79108 FREIBURG
Tel: +49(0)761/1561025
Fax: +49(0)761/1561027
32/06
Technical changes without notice
6.1


Similar Part No. - C12B07SWBWH

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
C12B SWITCH-C12B Datasheet
152Kb / 8P
COMMERCIAL PHONE JACKS
logo
Clarke International
C12BT CLARKE-C12BT Datasheet
2Mb / 24P
12V BATTERY TESTER
DL0424
More results

Similar Description - C12B07SWBWH

ManufacturerPart #DatasheetDescription
logo
ETRI
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
AC Axial Fans
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com