Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC240 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC240
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC240 Datasheet(HTML) 1 Page - STMicroelectronics

  74AC240 Datasheet HTML 1Page - STMicroelectronics 74AC240 Datasheet HTML 2Page - STMicroelectronics 74AC240 Datasheet HTML 3Page - STMicroelectronics 74AC240 Datasheet HTML 4Page - STMicroelectronics 74AC240 Datasheet HTML 5Page - STMicroelectronics 74AC240 Datasheet HTML 6Page - STMicroelectronics 74AC240 Datasheet HTML 7Page - STMicroelectronics 74AC240 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74AC240
OCTAL BUS BUFFER
WITH 3 STATE OUTPUTS (INVERTED)
April 1997
s
HIGH SPEED: tPD = 4 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =8
µA (MAX.) at TA =25 oC
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =24 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 240
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The AC240 is an advanced CMOS OCTAL BUS
BUFFER (3-STATE) fabricated with sub-micron
silicon gate and double-layer metal wiring C
2MOS
technology. It is ideal for low power applications
mantaining high speed operation similar to
equivalent Bipolar Schottky TTL.
G control output governs four BUS BUFFERs.
This device is designed to be used with 3 state
memory address drivers, etc.
All
inputs and
outputs
are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74AC240B
74AC240M
M
(Micro Package)
B
(Plastic Package)
1/8


Similar Part No. - 74AC240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC240 FAIRCHILD-74AC240 Datasheet
88Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
74AC240 FAIRCHILD-74AC240 Datasheet
502Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74AC240 ONSEMI-74AC240 Datasheet
108Kb / 10P
Octal Buffer/Line Driver with 3?뭆tate Outputs
November, 2006 ??Rev. 8
logo
STMicroelectronics
74AC240 STMICROELECTRONICS-74AC240 Datasheet
204Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Apr-2001
logo
Fairchild Semiconductor
74AC240 FAIRCHILD-74AC240 Datasheet
340Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74AC240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT240 STMICROELECTRONICS-74ACT240 Datasheet
78Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Apr-1997
74VHC240 STMICROELECTRONICS-74VHC240 Datasheet
65Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Jun-1999
74VHCT240A STMICROELECTRONICS-74VHCT240A Datasheet
63Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Aug-1999
74AC240 STMICROELECTRONICS-74AC240_01 Datasheet
204Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Apr-2001
74ACT240 STMICROELECTRONICS-74ACT240_01 Datasheet
203Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Apr-2001
M74HCT240 STMICROELECTRONICS-M74HCT240 Datasheet
198Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Aug-2001
74VHC240 STMICROELECTRONICS-74VHC240_04 Datasheet
261Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
12-Nov-2004
74VHCT240A STMICROELECTRONICS-74VHCT240A_04 Datasheet
244Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
16-Dec-2004
M74HC240 STMICROELECTRONICS-M74HC240 Datasheet
205Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Jul-2001
M74HC540 STMICROELECTRONICS-M74HC540 Datasheet
253Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Aug-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com