Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT_RT2600AC Datasheet(PDF) 1 Page - Synology Inc.

Part # RT_RT2600AC
Description  Router RT2600ac
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

RT_RT2600AC Datasheet(HTML) 1 Page - Synology Inc.

  RT_RT2600AC Datasheet HTML 1Page - Synology Inc. RT_RT2600AC Datasheet HTML 2Page - Synology Inc. RT_RT2600AC Datasheet HTML 3Page - Synology Inc. RT_RT2600AC Datasheet HTML 4Page - Synology Inc. RT_RT2600AC Datasheet HTML 5Page - Synology Inc. RT_RT2600AC Datasheet HTML 6Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Redefine your network with Synology Router RT2600ac's powerful wireless capabilities and rock-solid,
security-focused Synology Router Manager core. Designed for both homes and offices, MU-MIMO support
ensures more devices can connect at higher speeds while SRM's Parental Control and Traffic Control allows
simple management and fine-tuning of network traffic.
Router
RT2600ac
Highlights
• 1.7GHz Dual-core processor for fast,
uncompromising performance
• Powerful 4x4 802.11ac wave 2 radios
with MU-MIMO and up to 2.53Gbps
breakthrough wireless speeds
• Smart Connect for seamless transition
between maximum speed or range
• Hardware accelerated Layer 7 traffic
control and monitoring
• Dual WAN capable for load balancing
and failover support
• Create advanced VPNs with WebVPN,
Synology SSL VPN, and SSTP VPN
capability1
• Powerful add-on packages to enhance
security, file sharing, and additional
functionality
• Revolutionary interface, powered by
Synology Router Manager (SRM)
Reimagine your network
Coupling performance, security, and flexibility, Synology Router RT2600ac is
powered by a high speed, dual-core 1.7GHz processor designed to handle
demanding, high bandwidth processing environments. Its 802.11ac wave 2
Wi-Fi radios features MU-MIMO support together with 4x4 quad stream capability
allowing up to 2.53 Gbps (800 + 1733Mbps) wireless bandwidth. The RT2600ac can
automatically maximize bandwidth usage and wireless speeds for more of your devices
while at the same time retaining optimal range with Smart Connect. The hardware
accelerated Layer 7 traffic control design ensures that even with multiple devices and
traffic control rules, the RT2600ac will still have plenty of processing power to keep up
with your networking demands.
Revolutionary software experience
Synology Router Manager (SRM) powers Synology's networking lineup. SRM allows
for friendly management of your device while not compromising on features and
customization. Based on Synology's award winning DiskStation Manager (DSM) in
proven DiskStation Network Attached Storage (NAS) devices, SRM is built with security
and stability in mind.
SRM features Synology's friendly, easy to use interface. The familiar, desktop-like
interface makes it easy for even beginners to manage their entire network. DSM users will
feel right at home while advanced power users will find capable network tools at their
disposal to quickly and efficiently setup, customize, or troubleshoot an issue.
Secure and convenient access options are built into SRM. Easily manage your network
with multiple access methods locally, with "router.synology.com" and optionally,


Similar Part No. - RT_RT2600AC

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
RTPRTJER-1 L-COM-RTPRTJER-1 Datasheet
499Kb / 3P
RF Surge Protector, Reverse Polarity TNC F/F, DC - 6GHz, DC Pass 60Vdc
RTPRTPER-1 L-COM-RTPRTPER-1 Datasheet
533Kb / 3P
RF Surge Protector, Reverse Polarity TNC F/M, DC - 6GHz, DC Pass 60Vdc
More results

Similar Description - RT_RT2600AC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702528 PHOENIX-2702528 Datasheet
71Kb / 4P
Router - TC ROUTER 3002T-4G
2702532 PHOENIX-2702532 Datasheet
78Kb / 5P
Router - TC ROUTER 3002T-4G VZW
2702533 PHOENIX-2702533 Datasheet
78Kb / 5P
Router - TC ROUTER 3002T-4G ATT
2314008 PHOENIX-2314008 Datasheet
213Kb / 14P
Router - PSI-MODEM-3G/ROUTER
09/12/2020
2702531 PHOENIX-2702531 Datasheet
235Kb / 14P
Router - TC ROUTER 2002T-3G
09/12/2020
1234352 PHOENIX-1234352 Datasheet
2Mb / 21P
Router - TC ROUTER 4002T-4G EU
Nov 16, 2022
1234354 PHOENIX-1234354 Datasheet
5Mb / 27P
Router - TC ROUTER 4202T-4G EU WLAN
Nov 16, 2022
1234353 PHOENIX-1234353 Datasheet
6Mb / 28P
Router - TC ROUTER 4102T-4G EU WLAN
Dec 2, 2022
logo
Advantech Co., Ltd.
WISE-3200 ADVANTECH-WISE-3200 Datasheet
169Kb / 2P
IoT Router
22-Feb-2021
logo
TELTONIKA NETWORKS.
RUT300 TELTONIKA-RUT300 Datasheet
983Kb / 13P
ETHERNET ROUTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com