Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ
Description  1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SMCJ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMCJ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMCJ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CREAT BY ART
Version: O1602
SMCJ SERIES
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES (TA=25°C unless otherwise noted)
0
25
50
75
100
125
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)
FIG.2 PULSE DERATING CURVE
10
100
1000
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 4 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT UNIDIRECTIONAL ONLY
8.3ms single half sine wave
0
20
40
60
80
100
120
140
00.5
1
1.522.5
33.5
4
t, TIME ms
FIG. 3 CLAMPING POWER PULSE WAVEFORM
td
Peak value
IPPM
tr=10μs
Half value-IPPM/2
10/1000μs, waveform
as defined by R.E.A.
Pulse width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10
100
1000
10000
100000
1
10
100
V(BR), BREAKDOWN VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p
VR=0
VR-rated
stand-off
voltage
UNIDIRECTIONAL
BIDIRECTIONAL
0.1
1
10
100
0.1
1
10
100
1000
10000
tp, PULSE WIDTH, (μs)
FIG. 1 PEAK PULSE POWER RATING CURVE
Non-repetitive
pulse waveform
shown in fig.3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com