Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8BTM/2 Datasheet(PDF) 5 Page - Copyright BG

Part # 8BTM/2
Description  SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BG [Copyright BG]
Direct Link  https://www.bgelectrical.uk/
Logo BG - Copyright BG

8BTM/2 Datasheet(HTML) 5 Page - Copyright BG

  8BTM/2 Datasheet HTML 1Page - Copyright BG 8BTM/2 Datasheet HTML 2Page - Copyright BG 8BTM/2 Datasheet HTML 3Page - Copyright BG 8BTM/2 Datasheet HTML 4Page - Copyright BG 8BTM/2 Datasheet HTML 5Page - Copyright BG 8BTM/2 Datasheet HTML 6Page - Copyright BG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Code
Description
Carton
Trade
Quantity
Price £
817
1 Gang 10mm Square Spacer
20
0.80
818
2 Gang 10mm Rectangular Spacer
10
1.00
891
1 Gang Surface Box 32mm
10
1.08
892
2 Gang Surface Box 32mm
5
1.80
893
1 Gang Surface Box 19mm
10
1.00
894
1 Gang Blank-plate
20
0.90
895
2 Gang Blank-plate
10
1.70
896
Dual Surface Patress Box 37mm
5
2.85
877
1 Gang Surface Box 50mm
10
1.96
878
2 Gang Surface Box 50mm
5
2.55
Code
Description
Carton
Trade
Quantity
Price £
881
1 Gang 2 Way Push 400W
10
12.95
882
2 Gang 2 Way Push 400W
10
23.26
883
3 Gang 2 Way Push 400W
5
41.12
884
4 Gang 2 Way Push 400W
5
52.23
Code
Description
Carton
Trade
Quantity
Price £
8BTM/1
1 Gang Telephone Socket Master
10
7.10
8BTM/2
2 Gang Telephone Socket Master
10
8.95
8BTS/1
1 Gang Telephone Socket Slave
10
5.68
8BTS/2
2 Gang Telephone Socket Slave
10
7.48
8RJ45/1
1 Gang RJ45 Data Outlet Socket
10
12.25
8RJ45/2
2 Gang RJ45 Data Outlet Socket
10
29.95
8RJ11/1
1 Gang RJ11 Telephone Socket
10
10.25
8RJ11/2
2 Gang RJ11 Telephone Socket
10
26.95
Code
Description
Carton
Trade
Quantity
Price £
860
1 Gang Co-axial Socket
10
4.45
861
2 Gang Co-axial Socket
10
5.11
862
1 Gang Isolated Co-axial Socket
10
8.93
863
2 Gang Isolated Co-axial Socket
10
11.56
864
1 Gang Satellite Socket
10
5.70
865
2 Gang Satellite and Co-axial Socket
10
5.75
866
2 Gang Diplex TV/FM
10
10.52
867
3 Gang TV/FM/SAT Triplex
10
14.40
868
Triplex with BT Outlet and Co Axial Return
5
28.00
BG
TELEPHONE & DATA OUTLETS
CO-AXIAL, SATELLITE AND TRIPLEX OUTLETS
DIMMERS
SURFAC E B OXES AND BLANK PLATES
Manufactured to BS 3041 and BS 5733 where applicable.
Manufactured to BS5733.
Manufactured to BS EN 60669. All dimmers are supplied with spacer plates.
Manufactured to BS 6312 part 2 where applicable.
Modules available to make up any combination of RJ11, BT and RJ45 outlets



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com