Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7805 Datasheet(PDF) 3 Page - Silicon Supplies

Part # 7805
Description  Linear Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

7805 Datasheet(HTML) 3 Page - Silicon Supplies

  7805 Datasheet HTML 1Page - Silicon Supplies 7805 Datasheet HTML 2Page - Silicon Supplies 7805 Datasheet HTML 3Page - Silicon Supplies 7805 Datasheet HTML 4Page - Silicon Supplies 7805 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Absolute Maximum Ratings
PARAMETER
SYMBOL
VALUE
UNIT
Linear Voltage Regulator – 7805
Rev 1.0
19/04/19
Input Voltage
VIN
36
V
Power Dissipation
1
PD
Internally Limited
W
Operating Temperature Range
-
-55 to 150
°C
Maximum Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TJ = 25°C
4.80
5.00
5.20
Output Voltage
VOUT
5mA ≤ IOUT ≤ 1A,
7V ≤ VIN ≤ 20V, PD ≤ 15 Watts
4.75
5.00
5.25
V
7.5V ≤ VIN ≤ 20V
-
0.5
20
Line Regulation
ΔVOUT
8V ≤ VIN ≤ 12V
-
0.8
10
5mA ≤ IOUT ≤ 1A
-
1.3
25
Load Regulation
ΔVOUT
5mA ≤ IOUT ≤ 1.5A, TJ = 25°C
-
1.3
25
mV
Input Bias Current
IB
-
3.2
6.5
mA
7.5V ≤ VIN ≤ 25V
-
0.3
1
Input Bias Current
Change
ΔIB
5mA ≤ IOUT ≤ 1A, TJ = 25°C
-
0.08
0.8
mA
Output Noise
Voltage
Vn
10Hz ≤ f ≤ 100KHz, TJ = 25°C
-
10
-
µV/VOUT
Ripple Rejection
RR
8V ≤ VIN ≤ 18V, f = 120Hz,
-
68
-
dB
Dropout Voltage
VIN – VOUT
IOUT = 1A, TJ = 25°C
-
2
-
V
Output Resistance
rOUT
f = 1 kHz
-
0.9
-
mΩ
Short-Circuit
Current Limit
ISC
VIN = 35V, TA = 25°C
-
0.6
-
A
Peak Output Current
IMAX
TJ = 25°C
-
2.2
-
A
Avg. Output Voltage
Temp. Coefficient
TCVOUT
-
-0.3
-
mV/°C
-65 to 150
°C
1. Results in die form are dependent on die attach and assembly method. Max power dissipation is internally limited by the die.
PARAMETER
SYMBOL
MIN
MAX
UNIT
Input Voltage
VIN
7
25
V
Output Current
IOUT
-
1.5
A
Operating Temperature Range
TJ
-55
125
°C
Recommended Operating Conditions
DC Electrical Characteristics, V
l =10V, lOUT=500mA,CI=0.33µF, CO=0.1µf, TMIN≤TJ≤TMAX(unless noted otherwise)
Page 3 of 5
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com