Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10502TLX/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LM10502TLX/NOPB
Description  LM10502 Dual Buck LDO Power Management Unit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10502TLX/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM10502TLX/NOPB Datasheet HTML 21Page - Texas Instruments LM10502TLX/NOPB Datasheet HTML 22Page - Texas Instruments LM10502TLX/NOPB Datasheet HTML 23Page - Texas Instruments LM10502TLX/NOPB Datasheet HTML 24Page - Texas Instruments LM10502TLX/NOPB Datasheet HTML 25Page - Texas Instruments LM10502TLX/NOPB Datasheet HTML 26Page - Texas Instruments LM10502TLX/NOPB Datasheet HTML 27Page - Texas Instruments LM10502TLX/NOPB Datasheet HTML 28Page - Texas Instruments LM10502TLX/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
0402, 6.3V, X5R
0603, 10V, X5R
0
1.0
2.0
3.0
4.0
5.0
DC BIAS (V)
20
40
60
80
100
LM10502
www.ti.com
SNVS884B – AUGUST 2012 – REVISED MAY 2013
Table 2. Recommended Inductors
Value
Manufacturer
Part Number
DCR
Current
Package
2.2 µH
Murata
LQH55PN2R2NR0L
31 m
Ω
2.5A
2220
2.2 µH
TDK
NLC565050T-2R2K-PF
60 m
Ω
1.3A
2220
2.2 µH
Murata
LQM2MPN2R2NG0
110 m
Ω
1.2A
806
OUTPUT AND INPUT CAPACITORS CHARACTERISTICS
Special attention should be paid when selecting these components. As shown in the following figure, the DC bias
of these capacitors can result in a capacitance value that falls below the minimum value given in the
recommended capacitor specifications table. Note that the graph shows the capacitance out of spec for the 0402
case size capacitor at higher bias voltages. It is therefore recommended that the capacitor manufacturers’
specifications for the nominal value capacitor are consulted for all conditions, as some capacitor sizes (e.g.,
0402) may not be suitable in the actual application.
Figure 24. Typical Variation in Capacitance vs.
DC Bias
The ceramic capacitor’s capacitance can vary with temperature. The capacitor type X7R, which operates over a
temperature range of
−55°C to +125°C, will only vary the capacitance to within ±15%. The capacitor type X5R
has a similar tolerance over a reduced temperature range of
−55°C to +85°C. Many large value ceramic
capacitors, larger than 1µF are manufactured with Z5U or Y5V temperature characteristics. Their capacitance
can drop by more than 50% as the temperature varies from 25°C to 85°C. Therefore X7R is recommended over
Z5U and Y5V in applications where the ambient temperature will change significantly above or below 25°C.
Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 0.47 µF to 44 µF range. Another
important consideration is that tantalum capacitors have higher ESR values than equivalent size ceramics. This
means that while it may be possible to find a tantalum capacitor with an ESR value within the stable range, it
would have to be larger in capacitance (which means bigger and more costly) than a ceramic capacitor with the
same ESR value. It should also be noted that the ESR of a typical tantalum will increase about 2:1 as the
temperature goes from 25°C down to
−40°C, so some guard band must be allowed.
Output Capacitor Selection
The output capacitor of a switching converter absorbs the AC ripple current from the inductor and provides the
initial response to a load transient. The ripple voltage at the output of the converter is the product of the ripple
current flowing through the output capacitor and the impedance of the capacitor. The impedance of the capacitor
can be dominated by capacitive, resistive, or inductive elements within the capacitor, depending on the frequency
of the ripple current. Ceramic capacitors have very low ESR and remain capacitive up to high frequencies. Their
inductive component can usually be neglected at the frequency ranges at which the switcher operates.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM10502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com