| Electronic Components Datasheet Search |
|
LM10506 Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM10506 Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 43 page ![]() COMPARATOR SPI UVLO REGISTERS LDO SW1 BUCK1 EN FB_B1 GND_B1 SW_B1 VIN_B1 SW3 BUCK3 GND_B3 FB_B3 SW_B3 VIN_B3 TSD VCOMP IRQ RESET STANDBY HL_B3 CONTROL LOGIC OVLO EN SW2 BUCK2 GND_B2 FB_B2 SW_B2 VIN_B2 HL_B2 LM10506 www.ti.com SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014 8 Detailed Description The LM10506 is a highly efficient and integrated Power Management Unit for Systems-on-a-Chip (SoCs), ASICs, and processors. It operates cooperatively and communicates with processors over an SPI interface with output Voltage programmability and Standby Mode. The device incorporates three high-efficiency synchronous buck regulators and one LDO that deliver four output voltages from a single power source. The device also includes a SPI-programmable Comparator Block that provides an interrupt output signal. 8.1 Functional Block Diagram 8.2 Feature Description 8.2.1 Buck Regulators Operation A buck converter contains a control block, a switching PFET connected between input and output, a synchronous rectifying NFET connected between the output and ground and a feedback path. The following figure shows the block diagram of each of the three buck regulators integrated in the device. Copyright © 2011–2014, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Links: LM10506 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |