Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25115MT/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM25115MT/NOPB
Description  LM25115 Secondary Side Post Regulator Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM25115MT/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM25115MT/NOPB Datasheet HTML 2Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 3Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 4Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 5Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 6Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 7Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 8Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 9Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LM25115
SNVS418A – NOVEMBER 2005 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, TJ = –40°C to +125°C, VBIAS = 12V, No Load on LO or HO.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
HIGH SIDE GATE DRIVER
VOLH
HO Low-state Output Voltage
IHO = 100mA
0.2
0.5
V
VOHH
HO High-state Output Voltage
IHO = -100mA, VOHH = VHB –VHO
0.4
0.8
V
HO Rise Time
CLOAD = 1000pF
15
ns
HO High Side Fall Time
CLOAD = 1000pF
12
ns
IOHH
Peak HO Source Current
VHO = 0V
2
A
IOLH
Peak HO Sink Current
VHO = 12V
2.5
A
SWITCHING CHARACTERISITCS
LO Fall to HO Rise Delay
CLOAD = 0
70
ns
HO Fall to LO Rise Delay
CLOAD = 0
50
ns
SYNC Fall to HO Fall Delay
CLOAD = 0
120
ns
SYNC Rise to LO Fall Delay
CLOAD = 0
50
ns
THERMAL SHUTDOWN
TSD
Thermal Shutdown Temp.
150
165
°C
Thermal Shutdown Hysteresis
25
°C
THERMAL RESISTANCE
θJA
Junction to Ambient
PW Package
125
°C/W
θJA
Junction to Ambient
NHQ Package
32
°C/W
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM25115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com