Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3537 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3537
Description  LM3537 8-Channel WLED Driver with Four Integrated LDOs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3537 Datasheet(HTML) 2 Page - Texas Instruments

  LM3537 Datasheet HTML 1Page - Texas Instruments LM3537 Datasheet HTML 2Page - Texas Instruments LM3537 Datasheet HTML 3Page - Texas Instruments LM3537 Datasheet HTML 4Page - Texas Instruments LM3537 Datasheet HTML 5Page - Texas Instruments LM3537 Datasheet HTML 6Page - Texas Instruments LM3537 Datasheet HTML 7Page - Texas Instruments LM3537 Datasheet HTML 8Page - Texas Instruments LM3537 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
5
4
3
2
1
A
B
C
D
E
F
LDO1
LDO2
VOUT
VIN_A
ALS
C2-
D7/
INT
D6
LDO3
GND
SDA
D8
C1-
D5
PWM
D1
D4
HWEN
SCL
D3
D2
PGND
LDO4
C2+
C1+
SBIAS
GPO1
GPO2
VIN_B
VIN_C
LM3537
SNVS634B – JUNE 2011 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
I2C-compatible control allows full configurability of the backlighting function. The LM3537 provides multi-zone
Ambient Light Sensing allowing autonomous backlight intensity control in the event of changing ambient light
conditions. A PWM input is also provided to give the user a means to adjust the backlight intensity dynamically
based upon the content of the display.
Four integrated LDOs are fully configurable through I2C capable of addressing point-of-load regulation needs for
functions such as integrated camera modules. The LDOs can be powered from main battery source, or by a fixed
output voltage of an external buck converter (post regulation) leading to higher conversion efficiency.
The LM3537 provides excellent efficiency without the use of an inductor by operating the charge pump in a gain
of 3/2 or in Pass Mode. The proper gain for maintaining current regulation is chosen, based on LED forward
voltage, so that efficiency is maximized over the input voltage range.
LM3537 is offered in a tiny 30-bump DSBGA package.
Connection Diagram
Figure 1. 30–Bump DSBGA Package
Top View
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3537



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com