Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3532TMX-40A/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Part # LM3532TMX-40A/NOPB
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532TMX-40A/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM3532TMX-40A/NOPB Datasheet HTML 30Page - Texas Instruments LM3532TMX-40A/NOPB Datasheet HTML 31Page - Texas Instruments LM3532TMX-40A/NOPB Datasheet HTML 32Page - Texas Instruments LM3532TMX-40A/NOPB Datasheet HTML 33Page - Texas Instruments LM3532TMX-40A/NOPB Datasheet HTML 34Page - Texas Instruments LM3532TMX-40A/NOPB Datasheet HTML 35Page - Texas Instruments LM3532TMX-40A/NOPB Datasheet HTML 36Page - Texas Instruments LM3532TMX-40A/NOPB Datasheet HTML 37Page - Texas Instruments LM3532TMX-40A/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
VOUT up to 40V
VIN
IN
SW
OVP
ILED1
ILED2
ILED3
PGND
ALS2
ALS1
INT
Ambient Light
Sensor 1
Ambient Light
Sensor 2
VALS
VIN
HWEN
SDA
SCL
LM3532
COUT
CIN
L
D1
PWM1
PWM2
T0
LM3532
SNVS653E – JULY 2011 – REVISED AUGUST 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM3532 incorporates a 40-V (maximum output) boost, three high-voltage, low-side current sinks, and
programmable dual ambient light sensor inputs with internal-sensor gain selection. The device can drive up to 3
parallel high-voltage LED strings with up to 90% efficiency. The adaptive current regulation method allows for
different LED currents in each current sink, thus allowing for a wide variety of backlight-with-keypad applications.
8.2 Typical Application
Figure 23. LM3532 Typical Application
8.2.1 Design Requirements
For typical white LED applications, use the parameters listed in Table 20:
Table 20. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.7 V to 5.5 V
Output current
500 MHz typical
Boost switching frequency
2 MHz
34
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com