Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3537TMX/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Part # LM3537TMX/NOPB
Description  LM3537 8-Channel WLED Driver with Four Integrated LDOs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3537TMX/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM3537TMX/NOPB Datasheet HTML 23Page - Texas Instruments LM3537TMX/NOPB Datasheet HTML 24Page - Texas Instruments LM3537TMX/NOPB Datasheet HTML 25Page - Texas Instruments LM3537TMX/NOPB Datasheet HTML 26Page - Texas Instruments LM3537TMX/NOPB Datasheet HTML 27Page - Texas Instruments LM3537TMX/NOPB Datasheet HTML 28Page - Texas Instruments LM3537TMX/NOPB Datasheet HTML 29Page - Texas Instruments LM3537TMX/NOPB Datasheet HTML 30Page - Texas Instruments LM3537TMX/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
LM3537
www.ti.com
SNVS634B – JUNE 2011 – REVISED MAY 2013
Table 7. Suggested Capacitors
Model
Type
Vendor
Voltage Rating
Package Size
1 µF for COUT , CLDO1, CLDO2, CLDO3, CLDO4, CSEN, C1, C2 and CIN_A
(1)
C1005X5R1A105K
Ceramic X5R
TDK
10V
0402
LMK105BJ105KV-F
Ceramic X5R
Taiyo Yuden
10V
0402
GRM155R61A105K
Ceramic X5R
Murata
10V
0402
0.1 µF for CIN_B
(1)
GRM155R61A104K
Ceramic X5R
Murata
10V
0402
LMK105BJ104KV-F
Ceramic X5R
Taiyo Yuden
10V
0402
C1005X5R1A104K
Ceramic X5R
TDK
10V
0402
2.2 µF for CIN_C
JMK105BJ225MV-F
Ceramic X5R
Taiyo Yuden
6.3V
0402
GRM155R60J225ME15D
Ceramic X5R
Murata
6.3V
0402
(1)
The recommended voltage rating for these capacitors is 10V to account for DC bias capacitance losses.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM3537



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com