Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4674ATL/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4674ATL/NOPB
Description  LM4674A Filterless 2.5W Stereo Class D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4674ATL/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM4674ATL/NOPB Datasheet HTML 1Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 2Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 3Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 4Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 5Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 6Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 7Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 8Page - Texas Instruments LM4674ATL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM4674A
www.ti.com
SNAS366A – SEPTEMBER 2006 – REVISED MAY 2013
Electrical Characteristics VDD = 3.6V
(1)(2) (continued)
The following specifications apply for AV = 6dB, RL = 15µH + 8Ω + 15µH, f = 1kHz unless otherwise specified. Limits apply for
TA = 25°C.
LM4674A
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)
VRIPPLE = 200mVP-P Sine,
fRipple = 217Hz, Inputs AC GND,
75
dB
CI = 1μF, input referred
PSRR
Power Supply Rejection Ratio
VRIPPLE = 1VP-P Sine,
fRipple = 1kHz, Inputs AC GND,
75
dB
CI = 1μF, input referred
VRIPPLE = 1VP-P
CMRR
Common Mode Rejection Ratio
67
dB
fRIPPLE = 217Hz
PO = 1W, f = 1kHz,
η
Efficiency
85
%
RL = 8Ω, VDD = 5V
Crosstalk
PO = 500mW, f = 1kHz
84
dB
SNR
Signal to Noise Ratio
VDD = 5V, PO = 1W
96
dB
εOS
Output Noise
Input referred, A-Weighted Filter
20
μV
External Components Description
(Figure 1)
Components
Functional Description
1.
CS
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing section for
information concerning proper placement and selection of the supply bypass capacitor.
2.
CI
Input AC coupling capacitor which blocks the DC voltage at the amplifier's input terminals.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4674A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com