Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5025CMTC/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5025CMTC/NOPB
Description  LM5025C Active Clamp Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5025CMTC/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5025CMTC/NOPB Datasheet HTML 4Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 5Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 6Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 7Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 8Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 9Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 10Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 11Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
-40
25
_
75
_
125
TEMPERATURE (
oC)
80
90
100
110
120
130
140
0
20
40
60
80
100
120
RSET (k:)
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
0
1
2
3
4
5
6
IREF (mA)
0
2
4
6
8
10
12
14
16
VIN (V)
0
2
4
6
8
10
12
14
16
VIN
VCC
0
20
30
40
50
60
0
2
4
6
8
10
ICC (mA)
LM5025C
SNVS568C – SEPTEMBER 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
VCC Regulator Start-up Characteristics, VCC vs Vin
VCC vs ICC
Figure 3.
Figure 4.
VREF vs IREF
Oscillator Frequency vs RT
Figure 5.
Figure 6.
Overlap Time vs Temperature
Overlap Time vs RSET
RSET = 38K
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM5025C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com