Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5115MTC/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5115MTC/NOPB
Description  LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5115MTC/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5115MTC/NOPB Datasheet HTML 10Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 11Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 12Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 13Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 14Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 15Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 16Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
LM5115
SNVS343E – MARCH 2005 – REVISED MARCH 2013
www.ti.com
A current limit fold-back feature is provided by the LM5115 to reduce the peak output current delivered to a
shorted load. When the common mode input voltage to the current sense amplifier (CS and VOUT pins) falls
below 2V, the current limit threshold is reduced from the normal level. At common mode voltages > 2V, the
current limit threshold is nominally 45mV. When VOUT is reduced to 0V the current limit threshold drops to 36mV
to reduce stress on the inductor and power MOSFETs.
Negative Current Limit
When inductor current flows from the regulator output through the low side MOSFET, the input to the current
sense comparator becomes negative. The intent of the negative current comparator is to protect the low side
MOSFET from excessive currents. Negative current can lead to large negative voltage spikes on the output at
turn off which can damage circuitry powered by the output. The negative current comparator threshold is
sufficiently negative to allow inductor current to reverse at no load or light load conditions. It is not intended to
support discontinuous conduction mode with diode emulation by the low side MOSFET. The negative current
comparator shown illustrated in Figure 17 monitors the CV signal and compares this signal to a fixed 1V
threshold. This corresponds to a negative VCL voltage between CS and VOUT of -17mV. The negative current
limit comparator turns off the low side MOSFET for the remainder of the cycle when the VCL input falls below this
threshold.
Gate Drivers Outputs (HO & LO)
The LM5115 provides two gate driver outputs, the floating high side gate driver HO and the synchronous rectifier
low side driver LO. The low side driver is powered directly by the VCC regulator. The high side gate driver is
powered from a bootstrap capacitor connected between HB and HS. An external diode connected between VCC
and HB charges the bootstrap capacitor when the HS is low. When the high side MOSFET is turned on, HB rises
with HS to a peak voltage equal to VCC + VHS - VD where VD is the forward drop of the external bootstrap diode.
Both output drivers have adaptive dead-time control to avoid shoot through currents. The adaptive dead-time
control circuit monitors the state of each driver to ensure that the opposing MOSFET is turned off before the
other is turned on. The HB and VCC capacitors should be placed close to the pins of the LM5115 to minimize
voltage transients due to parasitic inductances and the high peak output currents of the drivers. The
recommended range of the HB capacitor is 0.047µF to 0.22µF.
Both drivers are controlled by the PWM logic signal from the PWM latch. When the phase signal is low, the
outputs are held in the reset state with the low side MOSFET on and the high side MOSFET off. When the phase
signal switches to the high state, the PWM latch reset signal is de-asserted. The high side MOSFET remains off
until the PWM latch is set by the PWM comparator (CRMIX > CV as shown in Figure 15). When the PWM latch
is set, the LO driver turns off the low side MOSFET and the HO driver turns on the high side MOSFET. The high
side pulse is terminated when the phase signal falls and SYNC input comparator resets the PWM latch.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event the maximum junction
temperature limit is exceeded. When activated, typically at 165 degrees Celsius, the controller is forced into a low
power standby state with the output drivers and the bias regulator disabled. The device will restart when the
junction temperature falls below the thermal shutdown hysteresis, which is typically 25 degrees. The thermal
protection feature is provided to prevent catastrophic failures from accidental device overheating.
Standalone DC/DC Synchronous Buck Mode
The LM5115 can be configured as a standalone DC/DC synchronous buck controller. In this mode the LM5115
uses leading edge modulation in conjunction with valley current mode control to control the synchronous buck
power stage. The internal oscillator within the LM5115 sets the clock frequency for the high and low side drivers
of the external synchronous buck power MOSFETs . The clock frequency in the synchronous buck mode is
programmed by the SYNC pin resistor and RAMP pin capacitor. Connecting a resistor between a dc bias supply
and the SYNC pin produces a current, ISYNC, which sets the charging current of the RAMP pin capacitor . The
RAMP capacitor is charged until its voltage reaches the peak ramp threshold of 2.25V. The RAMP capacitor is
then discharged for 300ns before beginning a new PWM cycle. The 300ns reset time of the RAMP pin sets the
minimum off time of the PWM controller in this mode. The internal clock frequency in the synchronous buck
mode is set by ISYNC, the ramp capacitor, the peak ramp threshold, and the 300ns deadtime.
FCLK ≊ 1 / ((CRAMP x 2.25V) / (ISYNC x 3) + 300ns)
(6)
14
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com