Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5115AMTX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5115AMTX/NOPB
Description  LM5115A Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down Tracking
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5115AMTX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5115AMTX/NOPB Datasheet HTML 4Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 5Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 6Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 7Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 8Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 9Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 10Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 11Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
0
5
10 15 20 25 30 35 40 45 50
0
1
2
3
4
5
6
7
8
ICC (mA)
-17.8 -17.6 -17.4 -17.2 -17 -16.8 -16.6 -16.4 -16.2
VCL (mV)
0
2
4
6
8
10
12
125
oC
0
10
20
30
40
50
0
2
4
6
8
10
12
14
VCL (mV)
27
oC
-40
oC
CV (V)
1.96 1.98
2
2.02 2.04 2.06 2.08
2.1
-300
-200
-100
0
100
200
300
VOUT = 6V
5.9 mA/V
30 32
48
0
100
200
300
400
500
600
700
CS - VOUT
34
36
38
40
42
44
46
VOUT = 0V
88 mA/V
99 mA/V
VOUT = 6V
LM5115A
SNVS467B – DECEMBER 2006 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Current Error Amplifier Transconductance
Overall Current Amplifier Transconductance
Figure 7.
Figure 8.
Common Mode Output Voltage
Common Mode Output Voltage
vs.
vs.
Positive Current Limit
Negative Current Limit (Room Temp)
Figure 9.
Figure 10.
VCC Load Regulation to Current Limit
Figure 11.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5115A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com