| Electronic Components Datasheet Search |
|
M29W800AB Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M29W800AB Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 40 page ![]() M29W800AT, M29W800AB 6/40 Command Interface Instructions, made up of commands written in cy- cles, can be given to the Program/Erase Controller through a Command Interface (C.I.). For added data protection, program or erase execution starts after 4 or 6 cycles. The first, second, fourth and fifth cycles are used to input Coded cycles to the C.I. This Coded sequence is the same for all Pro- gram/Erase Controller instructions. The 'Com- mand' itself and its confirmation, when applicable, are given on the third, fourth or sixth cycles. Any incorrect command or any improper command se- quence will reset the device to Read Array mode. Instructions Seven instructions are defined to perform Read Array, Auto Select (to read the Electronic Signa- ture or Block Protection Status), Program, Block Erase, Chip Erase, Erase Suspend and Erase Re- sume. The internal P/E.C. automatically handles all tim- ing and verification of the Program and Erase op- erations. The Status Register Data Polling, Toggle, Error bits and the RB output may be read at any time, during programming or erase, to mon- itor the progress of the operation. Instructions are composed of up to six cycles. The first two cycles input a Coded sequence to the Command Interface which is common to all in- structions (see Table 8). The third cycle inputs the instruction set-up com- mand. Subsequent cycles output the addressed data, Electronic Signature or Block Protection Sta- tus for Read operations. In order to give additional data protection, the instructions for Program and Block or Chip Erase require further command in- puts. For a Program instruction, the fourth com- mand cycle inputs the address and data to be programmed. For an Erase instruction (Block or Chip), the fourth and fifth cycles input a further Coded sequence before the Erase confirm com- mand on the sixth cycle. Erasure of a memory block may be suspended, in order to read data from another block or to program data in another block, and then resumed. When power is first ap- plied or if VCC falls below VLKO, the command in- terface is reset to Read Array. Figure 3. TSOP Connections Figure 4. SO Connections DQ3 DQ9 DQ2 A6 DQ0 W A3 RB DQ6 A8 A9 DQ13 A17 A10 DQ14 A2 DQ12 DQ10 DQ15A–1 VCC DQ4 DQ5 A7 DQ7 NC NC AI02179 M29W800T M29W800B 12 1 13 24 25 36 37 48 DQ8 NC NC A1 A18 A4 A5 DQ1 DQ11 G A12 A13 A16 A11 BYTE A15 A14 VSS E A0 RP VSS G DQ0 DQ8 A3 A0 E VSS A2 A1 A13 VSS A14 A15 DQ7 A12 A16 BYTE DQ15A–1 DQ5 DQ2 DQ3 VCC DQ11 DQ4 DQ14 A9 W RB A4 RP A7 AI02181 M29W800T M29W800B 8 2 3 4 5 6 7 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 20 19 18 17 DQ1 DQ9 A6 A5 DQ6 DQ13 44 39 38 37 36 35 34 33 A11 A10 DQ10 21 DQ12 40 43 1 42 41 A17 A8 A18 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |