Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2794V Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2794V
Description  Ground Noise Isolation Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2794V Datasheet(HTML) 3 Page - New Japan Radio

  NJM2794V Datasheet HTML 1Page - New Japan Radio NJM2794V Datasheet HTML 2Page - New Japan Radio NJM2794V Datasheet HTML 3Page - New Japan Radio NJM2794V Datasheet HTML 4Page - New Japan Radio NJM2794V Datasheet HTML 5Page - New Japan Radio NJM2794V Datasheet HTML 6Page - New Japan Radio NJM2794V Datasheet HTML 7Page - New Japan Radio NJM2794V Datasheet HTML 8Page - New Japan Radio NJM2794V Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NJM2794
– 3 –
s ABSOLUTE MAXIMUM RANGES
(Ta=25°C)
PARAMETER
SYMBOL
RANGE
UNIT
Supply Voltage
V
+
+15
V
Maximum Input Voltage
VIM
0 to V
+(✴)
V
Power Dissipation
PD
TVSP10 : 530*
SSOP14 : 550*
NOTE: EIA/JEDEC STANDARD Test board (76.2x114.3x1.6mm, 2layer, FR-4) mounting
mW
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-40 to +150
°C
(✴) For the maximum input voltage less than 0 toV
+
s ELECTRICAL CHARACTERRISTIC
(V
+=9V,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
DC CHARACTERRISTIC
Operating Voltage
V
+
4.3
9
13
V
Operating Current
ICC
No Signal
-
14
20
mA
Reference Voltage
VREF
3.8
4.3
4.8
V
AC CHARACTERRISTIC
(Non-inverting circuit, f=1kHz, Vin=1Vrms, Rg=0Ω, RL=10kΩ unless otherwise specified)
Voltage Gain
Gv
-1.0
0.0
+1.0
dB
Channel Separation
CS
f=1kHz
90
110
-
dB
Channel Balance
BAL
-
-
0.5
dB
Roll-off High Frequency
fRH
-1dB
100
-
-
kHz
Input Resistance
RIN
85
105
125
kΩ
Output Resistance
ROUT
-
90
-
Ω
Maximum Output Voltage 1
VOM1
THD=0.1%, f = 1kHz
2
2.5
-
Vrms
Maximum Output Voltage 2
VOM2
THD=0.1%, f = 1kHz, V
+=8V
1.7
2.1
-
Vrms
Maximum Output Voltage 3
VOM3
Inverting,
THD=0.1%, f = 1kHz
-
2.5
-
Vrms
Maximum Output Voltage 4
VOM4
Inverting,
THD=0.1%, f = 1kHz, V
+=8V
-
2.1
-
Vrms
Noise Output Voltage
VNO
Rg=600Ω, A-weighted
-
1.3
2.5
µVrms
Total Harmonic Distortion
THD
f=1kHz , VO=1Vrms,
BW=400Hz to 30kHz
-
0.002
0.01
%
Common Mode
Rejection Ratio
CMRR
50
60
-
dB
Common Mode
Input Voltage
Vicm
CMRR=50dB
-
2
-
Vrms
Supply Voltage
Rejection Ratio
SVR
f=100Hz , Vripple=100mVrms
55
65
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com