Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2825F Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2825F
Description  Precision Micropower Shunt Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2825F Datasheet(HTML) 2 Page - New Japan Radio

  NJM2825F Datasheet HTML 1Page - New Japan Radio NJM2825F Datasheet HTML 2Page - New Japan Radio NJM2825F Datasheet HTML 3Page - New Japan Radio NJM2825F Datasheet HTML 4Page - New Japan Radio NJM2825F Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NJM2825
- 2 -
Ver.2007-09-28
■ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
MAXIMUM RATINGS
UNIT
Cathode Voltage
VKA
14
V
Cathode Current
IK
20
mA
Cathode-Anode Reverse Current
-IK
10
mA
Power Dissipation
PD
200
mW
Operating Temperature Range
TOPR
-40
∼ +85
°C
Storage Temperature Range
TSTG
-40
∼ +125
°C
■RECOMMENDED OPERATING CONDITIONS (Ta=25°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Cathode Voltage
VKA
VREF
13
V
Cathode Current
IK
0.7
µ
12
mA
■ELECTRICAL CHARACTERISTICS (IK=0.8µA,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reference Voltage
VREF
VFB=VA
(*1)
1194.0
1200.0
1206.0
mV
VFB=VA, IMIN≤ IK≤ 200µA
(*1)
0.2
0.7
mV
VFB=VA, 200µA ≤ IK≤ 2mA
(*1)
0.7
2
mV
Load Regulation
∆VREF/
∆IK
VFB=VA, 2mA≤ IK≤ 12mA
(*1)
3.4
10
mV
Reference Voltage
Change vs. Cathode
Voltage Change
∆VREF/
∆VKA
⎮VREF⎮≤ VKA≤ 13V, IK=2µA
R1=120k
Ω, R2=val (Note 1)
(*2)
-1
-2
mV/V
VREF≤ VKA≤ 5V
(*2)
0.3
0.7
µA
Minimum Operating
Current
IMIN
5V
≤ VKA≤ 13V
(*2)
1
2
µA
Feedback Current
IFB
R1=∞, R2=120k
(*2)
0.3
1
nA
Dynamic Impedance
⎮ZKA
VFB=VA, IK=0.7µA∼12mA
(*1)
0.4
1.1
■TEMPERATURE CHARACTERISTICS (IK=0.8µA, Ta= -40°C ∼ 85°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reference Voltage
Change
(Note 2)
∆VREF_T
VFB=VA
(*1)
0.8
10
2.3
30
mV
ppm/
°C
Reference Voltage
(Note 2)
VREF_T
VFB=VA
(*1)
1191.7
1200.0
1208.3
mV
Feedback Current
Change
IFB_T
R1=∞, R2=120k
(*2)
0.4
nA
Note 1:
⎮VREF⎮···Reference voltage includes error.
Note 2: Reference Voltage Change is defined as
∆VREF_T [mV] = ± < Reference Voltage Change [ppm/°C] > × <-40°C ∼ 25°C> × VREF
The maximum value of “Reference Voltage Change” is determined based on sampling evaluation from the 5 initial
production lots, and thus not tested in the production test. Therefore, these values are for the reference design
purpose only.
(*1): Test Circuit (Fig.1)
(*2): Test Circuit (Fig.2)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com