Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FREE-SPACE-ISOLATOR Datasheet(PDF) 3 Page - Coherent Corp

Part # FREE-SPACE-ISOLATOR
Description  Optical Communications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

FREE-SPACE-ISOLATOR Datasheet(HTML) 3 Page - Coherent Corp

  FREE-SPACE-ISOLATOR Datasheet HTML 1Page - Coherent Corp FREE-SPACE-ISOLATOR Datasheet HTML 2Page - Coherent Corp FREE-SPACE-ISOLATOR Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FREE SPACE ISOLATOR
© 2023 Coherent Corp.
Legal notices : coherent.com/legal
photonics.sales@coherent.com
www.coherent.com
Ordering Information
Appendix
Free Space Isolator in other configuration is also available. Some typical configuration as below.
XXXX – XXXX – X*X – XX – X – XX
Category
A
B
C
D
E
Category
Construction
KPGP=Non-latching FSI Core single stage
KPMP=Latching Core single stage
KPGPGP=Non-latching FSI Core dual stage
KPMPMP=Latching Core dual stage
KPMPW=Latching Core single stage with wave plate
KPGW=Latching Core 1 polarizer with wave plate
Others=charters in sequence indicate material of layers
A
Center Wavelength
1310 = 1310 nm
1550 = 1550 nm
XXXX = XXXX nm
B
Size (mm)
0.45*0.45 = 0.45*0.45 mm
L*W = L*W mm
C
Coating
AA = Both side AR
AU = Input side AR
UA = Output side AR
UU = No coating
D
Angle
0 = 0º
A = Aº
E
Polarization Rotation
CW = Clockwise
CC = Counter Clockwise
Magnet Ring FSI
SMT FSI
FA + FSI
Receptacle FSI



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com