Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM741AH/883 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM741AH/883
Description  Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM741AH/883 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM741AH/883 Datasheet HTML 1Page - National Semiconductor (TI) LM741AH/883 Datasheet HTML 2Page - National Semiconductor (TI) LM741AH/883 Datasheet HTML 3Page - National Semiconductor (TI) LM741AH/883 Datasheet HTML 4Page - National Semiconductor (TI) LM741AH/883 Datasheet HTML 5Page - National Semiconductor (TI) LM741AH/883 Datasheet HTML 6Page - National Semiconductor (TI) LM741AH/883 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM741
Operational Amplifier
General Description
The LM741 series are general purpose operational amplifi-
ers which feature improved performance over industry stan-
dards like the LM709. They are direct, plug-in replacements
for the 709C, LM201, MC1439 and 748 in most applications.
The amplifiers offer many features which make their applica-
tion nearly foolproof: overload protection on the input and
output, no latch-up when the common mode range is ex-
ceeded, as well as freedom from oscillations.
The LM741C is identical to the LM741/LM741A except that
the LM741C has their performance guaranteed over a 0˚C to
+70˚C temperature range, instead of −55˚C to +125˚C.
Connection Diagrams
Typical Application
Metal Can Package
DS009341-2
Note 1: LM741H is available per JM38510/10101
Order Number LM741H, LM741H/883 (Note 1),
LM741AH/883 or LM741CH
See NS Package Number H08C
Dual-In-Line or S.O. Package
DS009341-3
Order Number LM741J, LM741J/883, LM741CN
See NS Package Number J08A, M08A or N08E
Ceramic Flatpak
DS009341-6
Order Number LM741W/883
See NS Package Number W10A
Offset Nulling Circuit
DS009341-7
August 2000
© 2000 National Semiconductor Corporation
DS009341
www.national.com


Similar Part No. - LM741AH/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM741AH NSC-LM741AH Datasheet
213Kb / 8P
Operational Amplifier
May 1998
More results

Similar Description - LM741AH/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
LT1222 LINER-LT1222_15 Datasheet
261Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM741 TI1-LM741 Datasheet
815Kb / 18P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com