Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM741J Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM741J
Description  Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM741J Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM741J Datasheet HTML 1Page - National Semiconductor (TI) LM741J Datasheet HTML 2Page - National Semiconductor (TI) LM741J Datasheet HTML 3Page - National Semiconductor (TI) LM741J Datasheet HTML 4Page - National Semiconductor (TI) LM741J Datasheet HTML 5Page - National Semiconductor (TI) LM741J Datasheet HTML 6Page - National Semiconductor (TI) LM741J Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Electrical Characteristics (Note 5) (Continued)
Note 3: For operation at elevated temperatures, these devices must be derated based on thermal resistance, and Tj max. (listed under “Absolute Maximum Rat-
ings”). Tj =TA +(θjA PD).
Thermal Resistance
Cerdip (J)
DIP (N)
HO8 (H)
SO-8 (M)
θ
jA (Junction to Ambient)
100˚C/W
100˚C/W
170˚C/W
195˚C/W
θ
jC (Junction to Case)
N/A
N/A
25˚C/W
N/A
Note 4: For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
Note 5: Unless otherwise specified, these specifications apply for VS = ±15V, −55˚C ≤ TA ≤ +125˚C (LM741/LM741A). For the LM741C/LM741E, these specifica-
tions are limited to 0˚C
≤ TA ≤ +70˚C.
Note 6: Calculated value from: BW (MHz) = 0.35/Rise Time(µs).
Note 7: For military specifications see RETS741X for LM741 and RETS741AX for LM741A.
Note 8: Human body model, 1.5 k
Ω in series with 100 pF.
Schematic Diagram
DS009341-1
www.national.com
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com