Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ30Z554DBT-R1 Datasheet(PDF) 18 Page - Texas Instruments

Part # BQ30Z554DBT-R1
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ30Z554DBT-R1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ30Z554DBT-R1 Datasheet HTML 14Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 15Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 16Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 17Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 18Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 19Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 20Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 21Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
bq30z554-R1
SLUSBD4 – OCTOBER 2013
www.ti.com
FEATURE SET
Protections Safety Features
The bq30z554-R1 supports a wide range of battery and system protection features that can easily be configured.
The Protections safety features include:
Cell Undervoltage Protection
Cell Undervoltage I*R Compensated Protection
Cell Overvoltage Protection
Overcurrent in Charge Protection 1 and 2
Overcurrent in Discharge Protection 1 and 2
Overload in Discharge Protection
Short Circuit in Charge Protection
Short Circuit in Discharge Protection 1 and 2
Overtemperature in Charge Protection
Overtemperature in Discharge Protection
Overtemperature FET protection
SBS Host Watchdog Protection
Precharge Timeout Protection
Fast Charge Timeout Protection
Overcharge Protection
Overcharging Current Protection
Overcharging Voltage Protection
Permanent Fail Safety Features
The FUSE pin can be used to blow an in-line fuse to permanently disable the battery pack from charging or
discharging. Upon a Permanent Fail event trigger, critical system information is written to non-volatile memory to
simplify failure analysis. In addition, the black box stores the sequence of safety events also into non-volatile
memory to simplify failure analysis. The Permanent Fail safety features include:
Cell Undervoltage Protection
Cell Overvoltage Protection
Copper Deposition
Overtemperature Cell
Overtemperature FET
QMAX Imbalance
Cell Balancing
Capacity Degradation
Impedance
Voltage Imbalance at Rest
Voltage Imbalance Active
Charge FET and Discharge FET
Thermistor
Chemical FUSE
AFE Register
AFE Communication
2nd-Level Protection
PTC
Instruction Flash
Open Cell Tab Connection
Data Flash
18
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :bq30z554-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com