Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT373M96 Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74ACT373M96
Description  CDx4AC373, CDx4ACT373 Octal Transparent Latch, 3-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT373M96 Datasheet(HTML) 4 Page - Texas Instruments

  CD74ACT373M96 Datasheet HTML 1Page - Texas Instruments CD74ACT373M96 Datasheet HTML 2Page - Texas Instruments CD74ACT373M96 Datasheet HTML 3Page - Texas Instruments CD74ACT373M96 Datasheet HTML 4Page - Texas Instruments CD74ACT373M96 Datasheet HTML 5Page - Texas Instruments CD74ACT373M96 Datasheet HTML 6Page - Texas Instruments CD74ACT373M96 Datasheet HTML 7Page - Texas Instruments CD74ACT373M96 Datasheet HTML 8Page - Texas Instruments CD74ACT373M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4 Specifications
4.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply-voltage
-0.5
6
V
IIK
Input diode current
(VI < -0.5 V or VI > VCC +
0.5 V)
±20
mA
IOK
Output diode current
(VO < -0.5 V or VO > VCC +
0.5 V)
±50
mA
IO
Output source or sink current per output pin
(VO > -0.5 V or VO < VCC +
0.5 V)
±50
mA
VCC or ground current, ICC or IGND
±100
mA(2)
Tstg
Storage temperature
-65
+150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
For up to 4 outputs per device; add ± 25 mA for each additional output.
4.2 ESD Ratings
Value
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
4.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
CHARACTERISTIC
MIN
MAX
UNIT
VCC (2)
Supply-voltage
V
AC types
1.5
5.5
ACT types
4.5
5.5
VI, VO
Input or output voltage
0
VCC
V
dt/dv
Input rise and fall slew rate
at 1.5 V to 3 V (AC types)
0
50
ns/V
at 3.6 V to 5.5 V (AC types)
0
20
ns/V
at 4.5 V to 5.5 V (ACT types)
0
10
ns/V
TA
Operating-temperature range
-55
+125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report:
Implications of Slow or Floating CMOS Inputs.
(2)
Unless otherwise specified, all voltages are referenced to ground.
CD54AC373, CD74AC373, CD54ACT373, CD74ACT373
SCHS289A – DECEMBER 1998 – REVISED MAY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC373 CD74AC373 CD54ACT373 CD74ACT373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com