Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT574E Datasheet(PDF) 11 Page - Texas Instruments

Part # CD74ACT574E
Description  CDx4AC574, CDx4ACT574 Octal D-Type Flip-Flop, 3-State Positive-Edge-Triggered
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT574E Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD74ACT574E Datasheet HTML 7Page - Texas Instruments CD74ACT574E Datasheet HTML 8Page - Texas Instruments CD74ACT574E Datasheet HTML 9Page - Texas Instruments CD74ACT574E Datasheet HTML 10Page - Texas Instruments CD74ACT574E Datasheet HTML 11Page - Texas Instruments CD74ACT574E Datasheet HTML 12Page - Texas Instruments CD74ACT574E Datasheet HTML 13Page - Texas Instruments CD74ACT574E Datasheet HTML 14Page - Texas Instruments CD74ACT574E Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
6 Detailed Description
6.1 Overview
The CD54/74AC574 and the CD54/74ACT574 octal D-type, 3-state, positive-edge-triggered flip-flops use the
RCA ADVANCED CMOS technology. The eight flip-flops enter data into their registers on the LOW-to-HIGH
transition of the clock (CP). The Output Enable (OE) controls the 3-state outputs and is independent of the
register operation. When the Output Enable (OE) is HIGH, the outputs are in the high-impedance state. The
CD54/74AC/ACT574 share the same pin configurations, and the CD54/74AC/ACT574 has non-inverted outputs.
The CD74AC/ACT574 are supplied in 20-lead dual-in-line plastic packages (E suffix) and in 20-lead dual-in-line
small-outline plastic packages (M suffix). Both package types are operable over the following temperature
ranges: Commercial (0 to 70°C); Industrial (-40 to +85°C); and Extended Industrial/Military (-55 to +125°C).
The CD54AC/ACT574, available in chip form (H suffix), are operable over the -55 to +125°C temperature range.
6.2 Functional Block Diagram
6.3 Device Functional Modes
Table 6-1. Truth Table
Output Enable
Latch Enable
Data
AC/ACT373
Output
L
H
H
H
L
H
L
L
L
L
I
L
L
L
h
H
H
X
X
Z
www.ti.com
CD54AC574, CD74AC574, CD54ACT574, CD74ACT574
SCHS292A – DECEMBER 1998 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: CD54AC574 CD74AC574 CD54ACT574 CD74ACT574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com