Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC573 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74AC573
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC573 Datasheet(HTML) 4 Page - STMicroelectronics

  74AC573 Datasheet HTML 1Page - STMicroelectronics 74AC573 Datasheet HTML 2Page - STMicroelectronics 74AC573 Datasheet HTML 3Page - STMicroelectronics 74AC573 Datasheet HTML 4Page - STMicroelectronics 74AC573 Datasheet HTML 5Page - STMicroelectronics 74AC573 Datasheet HTML 6Page - STMicroelectronics 74AC573 Datasheet HTML 7Page - STMicroelectronics 74AC573 Datasheet HTML 8Page - STMicroelectronics 74AC573 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74AC573
4/11
DC SPECIFICATIONS
1) Maximum test duration 2ms, one output loaded at time
2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
3.0
VO = 0.1 V or
VCC-0.1V
2.1
1.5
2.1
2.1
V
4.5
3.15
2.25
3.15
3.15
5.5
3.85
2.75
3.85
3.85
VIL
Low Level Input
Voltage
3.0
VO = 0.1 V or
VCC-0.1V
1.5
0.9
0.9
0.9
V
4.5
2.25
1.35
1.35
1.35
5.5
2.75
1.65
1.65
1.65
VOH
High Level Output
Voltage
3.0
IO=-50 µA
2.9
2.99
2.9
2.9
V
4.5
IO=-50 µA
4.4
4.49
4.4
4.4
5.5
IO=-50 µA
5.4
5.49
5.4
5.4
3.0
IO=-12 mA
2.56
2.46
2.4
4.5
IO=-24 mA
3.86
3.76
3.7
5.5
IO=-24 mA
4.86
4.76
4.7
VOL
Low Level Output
Voltage
3.0
IO=50 µA
0.002
0.1
0.1
0.1
V
4.5
IO=50 µA
0.001
0.1
0.1
0.1
5.5
IO=50 µA
0.001
0.1
0.1
0.1
3.0
IO=12 mA
0.36
0.44
0.5
4.5
IO=24 mA
0.36
0.44
0.5
5.5
IO=24 mA
0.36
0.44
0.5
II
Input Leakage
Current
5.5
VI = VCC or GND
± 0.1
± 1
± 1
µA
Ioz
High Impedance
Output Leakege
Current
5.5
VI = VIH or VIL
VO = VCC or GND
± 0.5
± 2.5
± 5
µA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
440
80
µA
IOLD
Dynamic Output
Current (note 1, 2)
5.5
VOLD = 1.65 V max
75
50
mA
IOHD
VOHD = 3.85 V min
-75
-50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com