Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS13003B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS13003B
Description  High Voltage NPN Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS13003B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS13003B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS13003B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS13003B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS13003B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS13003B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS13003B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS13003B
High Voltage NPN Transistor
2/6
Version: C07
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC = 1mA, IB = 0
BVCBO
700
--
--
V
Collector-Emitter Breakdown Voltage
IC = 10mA, IE = 0
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE = 1mA, IC = 0
BVEBO
9
--
--
V
Collector-Emitter Cutoff Current
VCE = 400V, IB = 0
ICEO
--
--
1
uA
Collector-Emitter Cutoff Current @45
oC
VCE = 400V, IB = 0
ICEO
--
0.5
--
uA
Collector Cutoff Current
VCB = 700V, IE = 0
ICBO
--
--
1
uA
Collector Cutoff Current @45
oC
VCB = 700V, IE = 0
ICBO
--
0.2
--
uA
Emitter Cutoff Current
VEB = 9V, IC = 0
IEBO
--
0.1
1
uA
Collector-Emitter Saturation Voltage*
IC / IB = 0.5A / 0.1A
IC / IB = 1.0A / 0.25A
IC / IB = 1.5A / 0.5A
VCE(SAT)1
VCE(SAT)2
VCE(SAT)3
--
--
--
0.2
0.3
0.5
0.5
1
3
V
Base-Emitter Saturation Voltage*
IC / IB = 0.5A / 0.1A
IC / IB = 1.0A / 0.25A
VBE(SAT)1
VBE(SAT)2
--
--
--
--
1.1
1.3
V
DC Current Gain*
VCE = 2V, IC = 10mA
VCE = 2V, IC = 400mA
VCE = 2V, IC = 1A
hFE1
hFE2
hFE3
6
23
8
--
--
--
40
40
40
Dynamic
Frequency
VCE = 10V, IC = 0.1A
fT
4
--
--
MHz
Output Capacitance
VCB = 10V, f = 0.1MHz
Cob
--
21
--
pF
Resistive Load Switching Time (Ratings)
Delay Time
td
--
0.05
0.2
uS
Rise Time
tr
--
0.6
1
uS
Storage Time
tSTG
--
2
4
uS
Fall Time
VCC = 125V, IC = 1A,
IB1 = IB2 = 0.2A,
tp = 25uS
Duty Cycle ≤1%
tf
--
0.2
0.7
uS
* Note: pulse test: pulse width ≤300uS, duty cycle ≤2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com