Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6TPB100MC Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 6TPB100MC
Description  TPB Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

6TPB100MC Datasheet(HTML) 2 Page - Sanyo Semicon Device

  6TPB100MC Datasheet HTML 1Page - Sanyo Semicon Device 6TPB100MC Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
19
19
TPB Series
■ Characteristics list
※1:100k to 500kHz,45℃
Size
code
SANYO
Part number
Rated Voltage
(V)
Rated
Capacitance
(μF)
D.F.
(%max.)
L.C.
(μA)
max./5min.
E.S.R.
(mΩmax.)
100kHz/20
℃
Maximum allowable
ripple current
(mArms)
100kHz※1
C
10TPB47MC
10TPB68MC
8TPB82MC
6TPB100MC
6TPB150MC
4TPB150MC
4TPB220MC
2R5TPB220MC
10.0
10.0
8.0
6.3
6.3
4.0
4.0
2.5
16.0
10.0
10.0
10.0
6.3
6.3
6.3
4.0
4.0
2.5
2.5
16.0
10.0
6.3
4.0
2.5
10.0
10.0
6.3
6.3
4.0
4.0
2.5
2.5
47
68
82
100
150
150
220
220
47
100
150
220
150
220
330
220
330
330
470
47
100
150
220
330
220
330
330
470
470
680
680
1000
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
10.0
8.0
10.0
10.0
8.0
10.0
10.0
8.0
10.0
8.0
10.0
10.0
8.0
8.0
8.0
8.0
10.0
10.0
10.0
15.0
10.0
15.0
10.0
15.0
47.0
68.0
65.6
63.0
94.5
60.0
88.0
55.0
75.2
100.0
150.0
220.0
94.5
138.6
207.9
88.0
132.0
82.5
117.5
75.2
100.0
94.5
88.0
82.5
220.0
330.0
207.9
296.1
188.0
272.0
170.0
250.0
55
55
45
45
45
45
45
45
70
55
40
40
55
40
40
55
40
55
40
70
55
55
65
65
40
35
40
35
40
35
40
30
1500
1500
1700
1700
1700
1700
1700
1700
1400
1900
2000
2000
1900
2000
2000
1900
2000
1900
2000
1400
1900
1900
1500
1500
3000
3000
3000
3000
3000
3000
3000
3000
16TPB47ML
10TPB100ML
10TPB150ML
10TPB220ML
6TPB150ML
6TPB220ML
6TPB330ML
4TPB220ML
4TPB330ML
2R5TPB330ML
2R5TPB470ML
16TPB47M
10TPB100M
6TPB150M
4TPB220M
2R5TPB330M
10TPB220M
10TPB330M
6TPB330M
6TPB470M
4TPB470M
4TPB680M
2R5TPB680M
2R5TPB1000M
D3L
D3
D4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com