Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFS-206 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CFS-206
Description  TUNING FORK CRYSTAL UNIT (Cylinder Type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CFS-206 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CFS-206 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CFS-206 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
25℃±3℃
32.768kHz
±5ppm
/
±10ppm
/
±20ppm
-20℃
~
+70℃
-40℃
~
+85℃
25℃±5℃
-0.034±0.006ppm/℃
2
1μW
Max.
1.0pF
Typ.
at
25℃
Please
specify
your
requirement
at
25℃
40KΩ
Max.
Shunt
capacitance
Shunt
capacitance
Shunt
capacitance
Shunt
capacitance
C0
1.2pF
Typ.
Model
Item
CFS-206
6.0pF
/
7.0pF
/
8.0pF
/
12.5pF
Level
of
drive
Level
of
drive
Level
of
drive
Level
of
drive
DL
Aging
(first
year)
Aging
(first
year)
Aging
(first
year)
Aging
(first
year)
Δf/f0
Temperature
Coefficient
Temperature
Coefficient
Temperature
Coefficient
Temperature
Coefficient
β
Motional
(series)
resistance
Motional
(series)
resistance
Motional
(series)
resistance
Motional
(series)
resistance
R1
Storage
Temperature
Range
Storage
Temperature
Range
Storage
Temperature
Range
Storage
Temperature
Range
TSTR
Turnover
Temperature
Turnover
Temperature
Turnover
Temperature
Turnover
Temperature
TM
35KΩ
Max.
±3ppm
Max.
TUNING FORK CRYSTAL UNIT (Cylinder Type)
CFS-206
・
・
・
・
CFS-145
RoHS compliant / Pb free
■
FEATURES
●
Frequency
range
:
32.768kHz
●
External
dimensions
(mm)
  CFS-206
Φ
:
2.0
x
L
:
6.2
CFS-145
Φ
:
1.5
x
L
:
5.1
●
Applications
  Watch
/
Clock
/
Security
devices
/
Consumer
products
CFS-145
Conditions
CFS-145
Load
capacitance
Load
capacitance
Load
capacitance
Load
capacitance
CL
Operating
Temperature
Range
Operating
Temperature
Range
Operating
Temperature
Range
Operating
Temperature
Range
TOPR
Nominal
Frequency
Nominal
Frequency
Nominal
Frequency
Nominal
Frequency
f0
Frequency
Tolerance
Frequency
Tolerance
Frequency
Tolerance
Frequency
Tolerance
Δf/f0
■
DIMENSION [mm]
CFS-206
■
STANDARD SPECIFICATIONS
http://cfd.citizen.co.jp/english/prod-tech/product/cvo_top.html


Similar Part No. - CFS-206

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CFS-206 CITIZEN-CFS-206 Datasheet
56Kb / 1P
TUNING FORK CRYSTAL UNITS (Cylinder Type)
CFS-206 CITIZEN-CFS-206 Datasheet
139Kb / 2P
Because of their excellent shock resistance
More results

Similar Description - CFS-206

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
R26-32.768-12.5 RALTRON-R26-32.768-12.5 Datasheet
88Kb / 1P
TUNING FORK CRYSTAL UNIT
logo
List of Unclassifed Man...
CM519 ETC2-CM519 Datasheet
695Kb / 1P
TUNING FORK CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CFS-206 CITIZEN-CFS-206 Datasheet
56Kb / 1P
TUNING FORK CRYSTAL UNITS (Cylinder Type)
CM130 CITIZEN-CM130 Datasheet
684Kb / 1P
TUNING FORK CRYSTAL UNIT
CMJ206T32.768KDZF-UT CITIZEN-CMJ206T32.768KDZF-UT Datasheet
74Kb / 1P
TUNING FORK CRYSTAL UNIT
logo
Raltron Electronics Cor...
R145-32.768-12.5-SMD RALTRON-R145-32.768-12.5-SMD Datasheet
19Kb / 1P
TUNING FORK CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CM315D CITIZEN-CM315D Datasheet
468Kb / 2P
TUNING FORK CRYSTAL UNIT
CM315DL CITIZEN-CM315DL Datasheet
468Kb / 2P
TUNING FORK CRYSTAL UNIT
CM315E CITIZEN-CM315E Datasheet
629Kb / 1P
TUNING FORK CRYSTAL UNIT
CM2012H CITIZEN-CM2012H Datasheet
463Kb / 2P
TUNING FORK CRYSTAL UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com