Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7664 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC7664
Description  16-Bit, Quad Voltage Output Digital-to-Analog Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7664 Datasheet(HTML) 4 Page - Texas Instruments

  DAC7664 Datasheet HTML 1Page - Texas Instruments DAC7664 Datasheet HTML 2Page - Texas Instruments DAC7664 Datasheet HTML 3Page - Texas Instruments DAC7664 Datasheet HTML 4Page - Texas Instruments DAC7664 Datasheet HTML 5Page - Texas Instruments DAC7664 Datasheet HTML 6Page - Texas Instruments DAC7664 Datasheet HTML 7Page - Texas Instruments DAC7664 Datasheet HTML 8Page - Texas Instruments DAC7664 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
DAC7664
SBAS271 − MARCH 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VSS = −5V
All specifications at TA = TMIN to TMAX, IOVDD = VDD = VCC = +5V, and VSS = −5V, unless otherwise noted.
DAC7664Y
DAC7664YB
DAC7664YC
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Accuracy
Linearity error
±3
±4
±2
±3
[
[
LSB
Linearity match
±4
±2
[
LSB
Differential linearity error
±2
±3
±1
±2
−1
+2
LSB
Monotonicity, TMIN to TMAX
14
15
16
Bit
Bipolar zero error
±1
±5
[
[
[
[
mV
Bipolar zero error drift
5
10
[
[
[
[
ppm/
°C
Full-scale error
±6
±20
±4
±12.5
[
[
mV
Full-scale error drift
7
15
[
[
[
[
ppm/
°C
Bipolar zero matching
Channel-to-channel matching
±3
±7
±2
±5
[
[
mV
Full-scale matching
Channel-to-channel matching
±4
±10
±2
±8
[
[
mV
Power-supply rejection ratio (PSRR)
At full-scale
10
100
[
[
[
[
ppm/V
Analog Output
Voltage output
RL = 10kΩ
−2.5
+2.5
[
[
[
[
V
Output current
−1.25
+1.25
[
[
[
[
mA
Maximum load capacitance
No oscillation
500
[
[
pF
Short-circuit current
−15, +30
[
[
mA
Short-circuit duration
GND or VCC or VSS
Indefinite
[
[
Dynamic Performance
Settling time
To
±0.003%, 5V output step
12
15
[
[
[
[
µs
Channel-to-channel crosstalk
0.5
[
[
LSB
Digital feedthrough
2
[
[
nV-s
Output noise voltage
f = 10kHz
200
[
[
nV/
√Hz
DAC glitch
7FFFh to 8000h or
8000h to 7FFFh
2
7
[
[
[
[
nV-s
Digital Input
VIH
0.7
× IOVDD
[
[
V
VIL
0.3
× IOVDD
[
[
V
IIH
±10
[
[
µA
IIL
±10
[
[
µA
Digital Output
VOH
IOH = −0.8mA, IOVDD = 5V
3.6
4.5
[
[
[
[
V
VOL
IOL = 1.6mA, IOVDD = 5V
0.3
0.4
[
[
[
[
V
VOH
IOH = −0.4mA, IOVDD = 3V
2.4
2.6
[
[
[
[
V
VOL
IOL = 0.8mA, IOVDD = 3V
0.3
0.4
[
[
[
[
V
Power Supply
VDD
+4.75
+5.0
+5.25
[
[
[
[
[
[
V
IOVDD
+2.7
+5.0
+5.25
[
[
[
[
[
[
V
VCC
+4.75
+5.0
+5.25
[
[
[
[
[
[
V
VSS
−5.25
−5.0
−4.75
[
[
[
[
[
[
V
ICC
4
5.5
[
[
[
[
mA
IDD
50
[
[
µA
I(IOVDD)
50
[
[
µA
ISS
−3.5
−2.0
[
[
[
[
mA
Power
30
45
[
[
[
mW
Temperature Range
Specified performance
−40
+85
[
[
[
[
°C
[ specifications same as the grade to the left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com