Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5023FAQDBZR.A Datasheet(PDF) 7 Page - Texas Instruments

Part # DRV5023FAQDBZR.A
Description  DRV5023 Digital-Switch Hall Effect Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV5023FAQDBZR.A Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV5023FAQDBZR.A Datasheet HTML 3Page - Texas Instruments DRV5023FAQDBZR.A Datasheet HTML 4Page - Texas Instruments DRV5023FAQDBZR.A Datasheet HTML 5Page - Texas Instruments DRV5023FAQDBZR.A Datasheet HTML 6Page - Texas Instruments DRV5023FAQDBZR.A Datasheet HTML 7Page - Texas Instruments DRV5023FAQDBZR.A Datasheet HTML 8Page - Texas Instruments DRV5023FAQDBZR.A Datasheet HTML 9Page - Texas Instruments DRV5023FAQDBZR.A Datasheet HTML 10Page - Texas Instruments DRV5023FAQDBZR.A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Supply Voltage (V)
0
10
20
30
40
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
D003
DRV5023BI
DRV5023AJ
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
2
3
4
5
6
7
D004
DRV5023AJ
DRV5023BI
Supply Voltage (V)
0
10
20
30
40
4
6
8
10
12
14
16
D001
DRV5023AJ
DRV5023BI
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
4
6
8
10
12
14
16
D002
DRV5023AJ
DRV5023BI
Supply Voltage (V)
0
10
20
30
40
2
2.5
3
3.5
D009
TA
±
ƒ&
TA = 25°C
TA = 75°C
TA = 125°C
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
2
2.5
3
3.5
D010
VCC = 2.5 V
VCC = 3.3 V
VCC = 13.2 V
VCC = 38 V
7
DRV5023
www.ti.com
SLIS151G – MAY 2014 – REVISED SEPTEMBER 2016
Product Folder Links: DRV5023
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
Figure 1. ICC vs VCC
Figure 2. ICC vs Temperature
TA = 25°C
Figure 3. BOP vs VCC
VCC = 3.3 V
Figure 4. BOP vs Temperature
TA = 25°C
Figure 5. BRP vs VCC
VCC = 3.3 V
Figure 6. BRP vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com