Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3414 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3414
Description  4A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3414 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3414 Datasheet HTML 2Page - Linear Technology LTC3414 Datasheet HTML 3Page - Linear Technology LTC3414 Datasheet HTML 4Page - Linear Technology LTC3414 Datasheet HTML 5Page - Linear Technology LTC3414 Datasheet HTML 6Page - Linear Technology LTC3414 Datasheet HTML 7Page - Linear Technology LTC3414 Datasheet HTML 8Page - Linear Technology LTC3414 Datasheet HTML 9Page - Linear Technology LTC3414 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3414
6
3414f
Main Control Loop
The LTC3414 is a monolithic, constant-frequency, cur-
rent-mode step-down DC/DC converter. During normal
operation, the internal top power switch (P-channel
MOSFET) is turned on at the beginning of each clock cycle.
Current in the inductor increases until the current com-
parator trips and turns off the top power MOSFET. The
peak inductor current at which the current comparator
shuts off the top power switch is controlled by the voltage
on the ITH pin. The error amplifier adjusts the voltage on
the ITH pin by comparing the feedback signal from a
resistor divider on the VFB pin with an internal 0.8V
reference. When the load current increases, it causes a
reduction in the feedback voltage relative to the reference.
The error amplifier raises the ITH voltage until the average
inductor current matches the new load current. When the
top power MOSFET shuts off, the synchronous power
switch (N-channel MOSFET) turns on until either the
bottom current limit is reached or the beginning of the next
clock cycle. The bottom current limit is set at –5A for
forced continuous mode and 0A for Burst Mode operation.
The operating frequency is externally set by an external
resistor connected between the RT pin and ground. The
practical switching frequency can range from 300kHz to
4MHz.
Overvoltage and undervoltage comparators will pull the
PGOOD output low if the output voltage comes out of
regulation by
±7.5%. In an overvoltage condition, the top
power MOSFET is turned off and the bottom power MOSFET
is switched on until either the overvoltage condition clears
or the bottom MOSFET’s current limit is reached.
Forced Continuous Mode
Connecting the SYNC/MODE pin to SVIN will disable Burst
Mode operation and force continuous current operation.
At light loads, forced continuous mode operation is less
efficient than Burst Mode operation, but may be desirable
in some applications where it is necessary to keep switch-
OPERATIO
BLOCK DIAGRA
–
+
–
+
–
+
–
+
–
+
16
19
17
4
2
5
18
7
14
SLOPE
COMPENSATION
RECOVERY
SLOPE
COMPENSATION
VOLTAGE
REFERENCE
OSCILLATOR
LOGIC
3
0.74V
0.86V
RUN
13
12
9
8
SVIN
SGND
21
EXPOSED PAD
ITH
PVIN
PVIN
PMOS CURRENT
COMPARATOR
BCLAMP
VFB
RUN/SS
PGOOD
RT
SYNC/MODE
PGND
PGND
PGND
PGND
CURRENT
REVERSAL
COMPARTOR
NMOS CURRENT
COMPARATOR
BURST
COMPARATOR
ERROR
AMPLIFIER
SW
SW
SW
SW
10
11
20
1
3414 BD
SYNC/MODE
+
V
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com